Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5534 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 2 Page - Linear Technology

  LT5534_15 Datasheet HTML 1Page - Linear Technology LT5534_15 Datasheet HTML 2Page - Linear Technology LT5534_15 Datasheet HTML 3Page - Linear Technology LT5534_15 Datasheet HTML 4Page - Linear Technology LT5534_15 Datasheet HTML 5Page - Linear Technology LT5534_15 Datasheet HTML 6Page - Linear Technology LT5534_15 Datasheet HTML 7Page - Linear Technology LT5534_15 Datasheet HTML 8Page - Linear Technology LT5534_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LT5534
2
5534fc
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage..............................................5.5V
Enable Voltage .....................................................0V, VCC
RF Voltage (+10dBm Equivalent) ..............................±1V
Operating Ambient Temperature Range ...–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ELECTRICAL CHARACTERISTICS V
CC = 3V, EN = 3V, TA = 25°C, source impedance = 50Ω, unless otherwise
noted. Test circuit shown in Figure 1. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input
Frequency Range
50 to 3000
MHz
Input Impedance
2
kΩ
fRF = 50MHz
RF Input Power Range
–58 to +2
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C
60
dB
Output Slope
44
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.007
dB/°C
fRF = 900MHz
RF Input Power Range
–60 to 0
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C
60
dB
Output Slope
41
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.008
dB/°C
fRF = 1900MHz
RF Input Power Range
–63 to –2
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C
61
dB
Output Slope
31
36.6
43
mV/dB
Output Variation vs Temperature
PIN = –48dBm to –14dBm, TA = –40°C to 85°C
0.012
dB/°C
Output Intercept
50Ω External Termination, TA = –40°C to 85°C
–70
–64
–58
dBm
fRF = 2500MHz
RF Input Power Range
–63 to –3
dBm
Dynamic Range (Note 3)
±3dB Linearity Error, TA = –40°C to 85°C
60
dB
PIN CONFIGURATION
EN 1
GND 2
VOUT 3
6 RF
5 GND
4 VCC
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 256°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT5534ESC6#PBF
LT5534ESC6#TRPBF
LBGD
6-Lead Plastic SC70
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com