Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6660 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6660
Description  Tiny Micropower Precision Series References in 2mm 2mm DFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6660 Datasheet(HTML) 2 Page - Linear Technology

  LT6660_15 Datasheet HTML 1Page - Linear Technology LT6660_15 Datasheet HTML 2Page - Linear Technology LT6660_15 Datasheet HTML 3Page - Linear Technology LT6660_15 Datasheet HTML 4Page - Linear Technology LT6660_15 Datasheet HTML 5Page - Linear Technology LT6660_15 Datasheet HTML 6Page - Linear Technology LT6660_15 Datasheet HTML 7Page - Linear Technology LT6660_15 Datasheet HTML 8Page - Linear Technology LT6660_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6660
2
6660fa
Input Voltage.............................................................30V
Reverse Voltage ......................................................–15V
Output Short-Circuit Duration, TA = 25°C................5 sec
Specified Temperature Range ...................... 0°C to 70°C
(Note 1)
ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DC PACKAGE
3-LEAD (2mm
× 2mm) PLASTIC DFN
4
3
2
1
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DFN PART MARKING*
LT6660HCDC-2.5
LT6660JCDC-2.5
LT6660KCDC-2.5
LT6660HCDC-3
LT6660JCDC-3
LT6660KCDC-3
LT6660HCDC-3.3
LT6660JCDC-3.3
LT6660KCDC-3.3
LT6660HCDC-5
LT6660JCDC-5
LT6660KCDC-5
LT6660HCDC-10
LT6660JCDC-10
LT6660KCDC-10
LBXN
LBXN
LBXN
LBYV
LBYV
LBYV
LBYW
LBYW
LBYW
LBYT
LBYT
LBYT
LBYX
LBYX
LBYX
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Operating Temperature Range
(Note 2) ............................................... –40°C to 85°C
Storage Temperature Range (Note 3)..... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
AVAILABLE OPTIONS
OUTPUT VOLTAGE
(V)
SPECIFIED TEMPERATURE
RANGE
ACCURACY
(%)
TEMPERATURE
COEFFICIENT (ppm/°C)
PART ORDER
NUMBER
2.5
2.5
2.5
0°C to 70°C
0°C to 70°C
0°C to 70°C
0.2
0.4
0.5
20
20
50
LT6660HCDC-2.5
LT6660JCDC-2.5
LT6660KCDC-2.5
3
3
3
0°C to 70°C
0°C to 70°C
0°C to 70°C
0.2
0.4
0.5
20
20
50
LT6660HCDC-3
LT6660JCDC-3
LT6660KCDC-3
3.3
3.3
3.3
0°C to 70°C
0°C to 70°C
0°C to 70°C
0.2
0.4
0.5
20
20
50
LT6660HCDC-3.3
LT6660JCDC-3.3
LT6660KCDC-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com