Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC488 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC488
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488 Datasheet(HTML) 2 Page - Linear Technology

  LTC488 Datasheet HTML 1Page - Linear Technology LTC488 Datasheet HTML 2Page - Linear Technology LTC488 Datasheet HTML 3Page - Linear Technology LTC488 Datasheet HTML 4Page - Linear Technology LTC488 Datasheet HTML 5Page - Linear Technology LTC488 Datasheet HTML 6Page - Linear Technology LTC488 Datasheet HTML 7Page - Linear Technology LTC488 Datasheet HTML 8Page - Linear Technology LTC488 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC488/LTC489
2
4889fb
LTC488
LTC488
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
B1
A1
RO1
EN
RO2
A2
B2
GND
VCC
B4
A4
RO4
EN
RO3
A3
B3
R
R
R
R
TJMAX = 150°C, θJA = 70°C/W
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
B1
A1
RO1
EN
RO2
A2
B2
GND
VCC
B4
A4
RO4
EN
RO3
A3
B3
R
R
R
R
TJMAX = 150°C, θJA = 90°C/W
LTC489
LTC489
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PLASTIC DIP
16
15
14
13
12
11
10
9
B1
A1
RO1
EN12
RO2
A2
B2
GND
VCC
B4
A4
RO4
EN34
RO3
A3
B3
R
R
R
R
TJMAX = 150°C, θJA = 70°C/W
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC (WIDE) SO
16
15
14
13
12
11
10
9
B1
A1
RO1
EN12
RO2
A2
B2
GND
VCC
B4
A4
RO4
EN34
RO3
A3
B3
R
R
R
R
TJMAX = 150°C, θJA = 90°C/W
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................12V
Control Input Currents .......................... –25mA to 25mA
Control Input Voltages ..................–0.5V to (VCC + 0.5V)
Receiver Input Voltages ..........................................±14V
Receiver Output Voltages..............–0.5V to (VCC + 0.5V)
(Note 1)
PIN CONFIGURATION
Operating Temperature Range
LTC488C/LTC489C ................................... 0°C to 70°C
LTC488I/LTC489I.................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com