Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P070010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P070010
Description  Heavy-Duty Power Extension Cord, 16A (IEC309 to C19), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P070010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P070010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P070010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy-Duty Power Extension Cord, 16A (IEC309 to
C19), 10-ft.
MODEL NUMBER: P070-010
Description
10ft, IEC 309 ( 2P+ Ground ) to C19 power cable. 16 Amp, 90 - 250 VAC range. RoHS compliant.
Features
10ft IEC 309 to C19 Power cord
16A, 250V rated
H05VV-F 1.5mm² x 3G Cable
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C19
Connector B
IEC-309 16A 2P+E
WARRANTY
Highlights
10ft IEC309 (2P+G ) to C19
Power Cord
16A, 250V rated
RoHS Compliant
Package Includes
10ft, IEC 309 to C19 Power Cord
1 / 2


Similar Part No. - P070010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P070000 E-SWITCH-P070000 Datasheet
55Kb / 1P
All DIMENSION IN MM
P070001 E-SWITCH-P070001 Datasheet
57Kb / 1P
All DIMENSION IN MM
logo
List of Unclassifed Man...
P07003LVG ETC2-P07003LVG Datasheet
241Kb / 5P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - P070010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
P045010 TRIPPLITE-P045010 Datasheet
485Kb / 2P
Heavy-Duty Power Extension Cord for Servers, 20A, 12AWG (IEC-320-C19 to NEMA L5-20P), 10-ft
P047010 TRIPPLITE-P047010 Datasheet
479Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C19 to IEC-320-C14), 10-ft
P049010 TRIPPLITE-P049010 Datasheet
481Kb / 2P
Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to NEMA 5-20P), 10-ft
P036-002 TRIPPLITE-P036-002 Datasheet
163Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 2 ft., Black
P036-006 TRIPPLITE-P036-006 Datasheet
164Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 6 ft., Black
P036-010 TRIPPLITE-P036-010 Datasheet
164Kb / 2P
C19 to C20 Heavy-Duty Extension Cord - 20A, 250V, 12 AWG, 10 ft., Black
P045-010 TRIPPLITE-P045-010 Datasheet
159Kb / 2P
C19 to L5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
P049-010 TRIPPLITE-P049-010 Datasheet
162Kb / 2P
C19 to 5-20P Heavy-Duty Extension Cord - 20A, 125V, 12 AWG, 10 ft., Black
P070-010 TRIPPLITE-P070-010 Datasheet
166Kb / 2P
IEC 309 to C19, Heavy-Duty Extension Cord - 16A, 250V, 16 AWG, 10 ft., Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com