Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3202 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3202
Description  Low Noise, High Efficiency Charge Pump for White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3202 Datasheet(HTML) 2 Page - Linear Technology

  LTC3202 Datasheet HTML 1Page - Linear Technology LTC3202 Datasheet HTML 2Page - Linear Technology LTC3202 Datasheet HTML 3Page - Linear Technology LTC3202 Datasheet HTML 4Page - Linear Technology LTC3202 Datasheet HTML 5Page - Linear Technology LTC3202 Datasheet HTML 6Page - Linear Technology LTC3202 Datasheet HTML 7Page - Linear Technology LTC3202 Datasheet HTML 8Page - Linear Technology LTC3202 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC3202
3202fa
VIN, VOUT to GND ......................................... –0.3V to 6V
D0, D1 ............................................. –0.3V to VIN + 0.3V
VOUT Short-Circuit Duration ............................. Indefinite
IOUT (Note 2)....................................................... 150mA
ORDER PART
NUMBER
MS PART MARKING
TJMAX = 150°C, θJA = 120°C/W
LTWL
LTC3202EMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
D1
FB
VOUT
VIN
GND
10
9
8
7
6
D0
C2+
C1+
C1–
C2–
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
Operating Temperature Range (Note 3) ...–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
DD PART MARKING
LABB
LTC3202EDD
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
D0
C2+
C1+
C1–
C2–
D1
FB
VOUT
VIN
SGND
TJMAX = 150°C, θJA = 44°C/W, θJC = 3°C/W
EXPOSED PAD IS PGND (PIN 11) MUST BE
CONNECTED TO GROUND PLANE
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Based on long-term current density limitations.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise noted.
Note 3: The LTC3202E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
q
2.7
4.5
V
ICC Operating Current
IOUT = 0mA, VOUT = 3.6V, VIN = D0 = D1 = 4.5V
q
2.5
5
mA
ISHDN Shutdown Current
VOUT = 0V
q
1
µA
Feedback Pin Set Points
0.2V Setting Feedback Voltage
D0 = 1, D1 = 0, IOUT = 0mA, VIN = 3.6V
q
188
200
212
mV
0.4V Setting Feedback Voltage
D0 = 0, D1 = 1, IOUT = 0mA, VIN = 3.6V
q
380
400
420
mV
0.6V Setting Feedback Voltage
D0 = 1, D1 = 1, IOUT = 0mA, VIN = 3.6V
q
570
600
630
mV
IFB
VFB = 0.8V
q
–50
50
nA
Charge Pump
ROL Open Loop Output Impedance (1.5VIN – VOUT)/IOUT
VIN = 3.3V, VOUT = 4.4V, VFB = 0
q
4.5
6
Ω
VOUT Load Regulation (∆VOUT/∆IOUT)IOUT = 10mA to 90mA, ∆VFB/∆VOUT = 1
0.35
mV/mA
CLK Frequency
1.5
MHz
D0, D1
High Level Input Voltage (VIH)
q
1.3
V
Low Level Input Voltage (VIL)
q
0.4
V
Input Current (IIH)
DO, D1 = VIN
q
–1
1
µA
Input Current (IIL)
DO, D1 = 0V
q
–1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com