Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4411 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK4411
Description  40 AMP, 34V, 3 PHASE BRUSHLESS MOTOR SPEED CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4411 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK4411 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4411 Datasheet HTML 8Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Thermal Resistance RθJ-C
Storage Temperature Range
Solder Temperature
(10 seconds)
Case Operating Temperature
Junction Temperature
0.85°C/W
-40°C to +85°C
+300°C
-40°C to +85°C
+150°C
10
-
-
3.0
1.2
-
5.9
-
-
-
-
-
44
15
100
-
-
-
-
6.24
0.37
-
-
90
5
50
PWM Clock Frequency
V+ Quiescent Current
Hall Inputs
VIL
HIL
Speed Command Input Range
Speed Command Input Current
VREF
Ouput Section
Voltage Drop Across Bridge
Leakage Current
Diode VSD
trr
Deadtime
Current Limit
+34V
+12V
+6.24V
25mA
50 Amps DC
75 Amps (10µ Sec)
High Voltage Supply
Speed Command
Hall A,B,C,Brake,Disable
VREF Output Current
Continuous Output Current @ 25°C
Peak Output Current
ABSOLUTE MAXIMUM RATINGS
2
ELECTRICAL SPECIFICATIONS
Parameter
Units
KHz
mA
V
V
V
mA
V
V
µA
V
nSEC
µSEC
Amps
Min.
Typ. Max.
20
200
0.8
-
4.5
1.5
6.57
0.45
100
1.4
-
-
56
V+=28V, BRAKE=GND, TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
Internal solder reflow temperature is 180°C, do not exceed.
NOTES:
1
2
3
4
1
3
(No PWM)
(VIN=5V)
(1 Upper+1 Lower, 50Amps)
(@ V+=34V)
4
8548-148 Rev. B 1/15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com