Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4366 Datasheet(PDF) 7 Page - M.S. Kennedy Corporation

Part # MSK4366
Description  38 Volt Maximum Operating Motor Supply Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4366 Datasheet(HTML) 7 Page - M.S. Kennedy Corporation

  MSK4366_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4366_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Set CAN Baud Rate - Allows you to change what speed you want the CAN Bus to operate at. The default is 1Mbps.
Send Contents: Command tag followed by 8 bits of data [2 words].
Command Tag = 0x28
Data:
0x01 – 1 Mbps
0x02 – 500 Kbps
0x03 – 250 Kbps
0x04 – 125 Kbps
Response Contents: Response Tag only [1 word].
Response Tag = 0x29
Description: When the command is sent to change the CAN Bus bit rate, first the reply will be sent, and then the CAN module will be
disabled. It is then reconfigured with the new bit rate, and brought back into an active state. From then on the new bit rate will be used
exclusively. To return to default settings the CAN reset pin can be used or commands can be sent at the new baud rate. The value is
stored in non-volatile memory and does not have to be re-introduced every time the device is powered up.
Default Data Value: 0x01
APPLICATION NOTES CONT'D
APPLICATION NOTES CONT'D
Set CAN Message Standard ID - This sets the Standard ID used to transmit messages.
Send Contents: Command Tag followed by 16 bits of data. The uppermost 5 bits are ignored (bits 16-12), as only 11 bits are
allowed in a standard identifier [3 words].
Command Tag: 0x2A
Data: 0x0000 – 0x07FF
Response Contents: Response Tag only [1 word].
Response Tag: 0x2B
Description: This command is sent to the device to set the Message ID used when Standard ID mode is selected. If the CAN Message Mode
is set to Extended ID, this value will not be used. The value is stored in non-volatile memory and does not have to be re-introduced every time
the device is powered up.
Default Data Value: 0x0555
Set CAN Message Extended ID - This sets the Extended ID used to transmit messages.
Send Contents: Command Tag followed by 32 bits of data. The uppermost 3 bits are ignored, and the following 29 bits are used as
the message ID [5 words].
Command Tag: 0x2C
Data: 0x0000 0000 – 0x1FFF FFFF
Response Contents: Response Tag only [1 word].
Response Tag: 0x2D
Description: This command is sent to the device to set the Message ID used when Extended ID mode is selected. If the CAN Message Mode
is set to Standard ID, this value will not be used. The value is stored in non-volatile memory and does not have to be re-introduced every time
the device is powered up.
Default Data Value: 0x0000 0000
Set CAN Message Mode - This sets device to use a Standard ID or Extended ID when transmitting messages.
Send Contents: Command Tag followed by 8 bits of data [2 words].
Command Tag: 0x30
Data:
0x01 - Standard ID
0x02 –Extended ID
Response Contents: Response Tag only [1 word].
Response Tag: 0x31
Description: This command is sent to the device to say whether it should send a Standard ID or Extended ID. The actual IDs are set via their
own commands. The value is stored in non-volatile memory and does not have to be re-introduced every time the device is powered up.
Default Data Value: 0x01
7
8548-120 Rev. A 4/14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com