Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW424B Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW424B
Description  SP4T 24GHz PIN Diode Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW424B Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SW424B_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW424B_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW424B_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW424B_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW424B_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW424B_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MA4SW424B-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SP4T 24GHz PIN Diode Switch with Integrated Bias Network
Rev. V1
Electrical Specifications for Switch Ports @ TAMB +25°C
Parameter
Conditions
Units
Minimum
Typical
Maximum
Insertion Loss
24 GHz
dB
-
3.0
3.5
Isolation
24 GHz
dB
37
50
-
Input Return Loss
24 GHz
dB
-
9
-
Switching Speed1
24 GHz
nS
-
200
-
Operation of the MA4SW424B-1
Operation of the MA4SW424B-1 series PIN diode switch is achieved by the application of a D.C. current (12mA)
to the bias port of the selected insertion loss port and 0V bias for the isolated ports. The control currents should
be supplied by constant current sources.
D.C Bias Conditions
RF Output Conditions
B2
B3
B4
B5
J1-J2
J1-J3
J1-J4
J1-J5
+12mA
0 Volts
0 Volts
0 Volts
Low Loss
Isolation
Isolation
Isolation
0 Volts
+12mA
0 Volts
0 Volts
Isolation
Low Loss
Isolation
Isolation
0 Volts
0 Volts
+12mA
0 Volts
Isolation
Isolation
Low Loss
Isolation
0 Volts
0 Volts
0 Volts
+12mA
Isolation
Isolation
Isolation
Low Loss
Note 1: Switching speed is measured from 10% to 90% of detected RF signal driven by TTL compatible drivers using an RC
spiking network where R = 50 - 200Ω, and C = 390 - 560pF.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com