Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW610B Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW610B
Description  SP6T PIN Diode Switch with Integrated Bias Network
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW610B Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SW610B_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW610B_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SP6T PIN Diode Switch with Integrated Bias Network
2 - 18GHz
Rev. V2
MA4SW610B-1
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = 25 °C, +/- 10 mA Bias Current (On-Wafer Measurements)
Parameters
Frequency
Minimum
Typical
Maximum
Units
Insertion Loss
6 GHz
-
1.0
1.4
dB
12 GHz
-
1.3
2.0
dB
18 GHz
-
1.9
2.9
dB
Isolation
6 GHz
43
49
-
dB
12 GHz
35
43
-
dB
18 GHz
30
39
-
dB
Input Return Loss
6 GHz
-
18
-
dB
12 GHz
-
20
-
dB
18 GHz
-
16
-
dB
6 GHz
-
19
-
dB
12 GHz
-
22
-
dB
18 GHz
-
20
-
dB
Switching Speed1
10 GHz
-
80
-
nS
Output Return Loss
1. Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a TTL compatible driver.
Driver output parallel RC network uses a capacitor between 390pF - 560pF and a resistor between 150 - 220Ω to achieve
80ns rise and fall times.
Typical Driver Connections
Control Level (DC Current)
B2
B3
B4
B5
J2-J1
J3-J1
J4-J1
J5-J1
-10 mA
+10 mA +10 mA +10 mA
Low Loss
Isolation
Isolation
Isolation
+10 mA -10 mA +10 mA +10 mA
Isolation
Low Loss
Isolation
Isolation
+10 mA +10 mA -10 mA +10 mA
Isolation
Isolation
Low Loss
Isolation
+10 mA +10 mA +10 mA -10 mA
Isolation
Isolation
Isolation
Low Loss
Condition of RF Output
B6
+10 mA
+10 mA
+10 mA
+10 mA
+10 mA +10 mA +10 mA +10 mA -10 mA
Isolation
Isolation
Isolation
Isolation
J6-J1
Isolation
Isolation
Isolation
Isolation
Low Loss
B7
+10 mA
+10 mA
+10 mA
+10 mA
+10 mA
+10 mA +10 mA +10 mA +10 mA +10 mA -10 mA
Isolation
Isolation
Isolation
Isolation
Isolation
J7-J1
Isolation
Isolation
Isolation
Isolation
Isolation
Low Loss



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com