Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P952002 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P952002
Description  SATA to eSATA Transition Cable (7Pin-7Pin), 2-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P952002 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P952002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P952002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SATA to eSATA Transition Cable (7Pin/7Pin), 2-ft.
MODEL NUMBER: P952-002
Description
With Tripp Lite's P952-002, SATA to eSATA bracket/cable, you can connect an external eSATA hard drive to your internal SATA controller. Simply plug the
standard 7-pin SATA connector into an available port on your controller card or motherboard, and the bracket into an available external I/O slot. No software to
load...completely plug and play. 24" cable provides plenty of length to connect any where inside a PC case. 26AWG cable rated to handle current 6Gbps SATA
speeds.
Features
Connect external eSATA drives to your SATA internal controller card
SATA-II rated 6Gbps, 24", 26AWG cable
Plug-n-Play
7pin SATA "L" type connector (Internal) to 7pin "I" type connector (external)
Specifications
OVERVIEW
Cable Type
SATA
INPUT
Cable Length (ft.)
2
Cable Length (m)
0.61
PHYSICAL
Color
Red
CONNECTIONS
Highlights
Connect external eSATA drives
to your SATA internal controller
card
2ft SATA-II rated 6Gbps cable
Plug-n-Play
7pin SATA "L" type connector
(Internal) to 7pin "I" type
connector (external)
1 / 2


Similar Part No. - P952002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P952003 TRIPPLITE-P952003 Datasheet
474Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 3-ft
More results

Similar Description - P952002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P95018I TRIPPLITE-P95018I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 18-in
P95036I TRIPPLITE-P95036I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 36-in
P95218I TRIPPLITE-P95218I Datasheet
474Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 18-in
P952003 TRIPPLITE-P952003 Datasheet
474Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 3-ft
P952-003 TRIPPLITE-P952-003 Datasheet
476Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 3-ft.
P950-02M TRIPPLITE-P950-02M Datasheet
473Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 6-ft. (2M)
P950-18I TRIPPLITE-P950-18I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 18-in.
P950-36I TRIPPLITE-P950-36I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 36-in.
P952-002 TRIPPLITE-P952-002 Datasheet
154Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 2-ft.
P952-18I TRIPPLITE-P952-18I Datasheet
156Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 18 in.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com