Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P952003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P952003
Description  SATA to eSATA Transition Cable (7Pin-7Pin), 3-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P952003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P952003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P952003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SATA to eSATA Transition Cable (7Pin/7Pin), 3-ft.
MODEL NUMBER: P952-003
Description
Tripp Lite's SATA to eSATA Transition Cable allows new eSATA devices to be connected to older style SATA ports. Cable is optimized for data storage with up
to 6 Gbps transfer rate.
Features
SATA Internal "L" to External eSATA "I" Data Cable - 3-ft.
Supports data transfer rates up to 6 Gbps
Fully shielded cable to protect against EMI/RFI line noise
Specifications
OVERVIEW
Cable Type
SATA
INPUT
Cable Length (ft.)
3
Cable Length (m)
0.91
PHYSICAL
Color
Red
CONNECTIONS
Connector A
7 PIN SATA (MALE)
Connector B
7 PIN ESATA (MALE)
Highlights
SATA Internal "L" to External
eSATA "I" Cable - 3-ft.
Supports data transfer rates of up
to 6.0 Gbps
Cable is shielded to protect
against EMI/RFI line noise
Package Includes
SATA to eSATA Transition Cable
- 3-ft.
1 / 2


Similar Part No. - P952003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P952002 TRIPPLITE-P952002 Datasheet
469Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 2-ft
More results

Similar Description - P952003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P95018I TRIPPLITE-P95018I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 18-in
P95036I TRIPPLITE-P95036I Datasheet
474Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin-7Pin), 36-in
P95218I TRIPPLITE-P95218I Datasheet
474Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 18-in
P952002 TRIPPLITE-P952002 Datasheet
469Kb / 2P
SATA to eSATA Transition Cable (7Pin-7Pin), 2-ft
P952-003 TRIPPLITE-P952-003 Datasheet
476Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 3-ft.
P950-02M TRIPPLITE-P950-02M Datasheet
473Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 6-ft. (2M)
P950-18I TRIPPLITE-P950-18I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 18-in.
P950-36I TRIPPLITE-P950-36I Datasheet
154Kb / 2P
eSATA, SATA-II External Signal Shielded Cable (7Pin/7Pin), 36-in.
P952-002 TRIPPLITE-P952-002 Datasheet
154Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 2-ft.
P952-18I TRIPPLITE-P952-18I Datasheet
156Kb / 2P
SATA to eSATA Transition Cable (7Pin/7Pin), 18 in.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com