Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1017 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1017
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017 Datasheet(HTML) 2 Page - Linear Technology

  LT1017_15 Datasheet HTML 1Page - Linear Technology LT1017_15 Datasheet HTML 2Page - Linear Technology LT1017_15 Datasheet HTML 3Page - Linear Technology LT1017_15 Datasheet HTML 4Page - Linear Technology LT1017_15 Datasheet HTML 5Page - Linear Technology LT1017_15 Datasheet HTML 6Page - Linear Technology LT1017_15 Datasheet HTML 7Page - Linear Technology LT1017_15 Datasheet HTML 8Page - Linear Technology LT1017_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1017/LT1018
2
10178ff
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 40V
Differential Input Voltage.......................................... 40V
Input Voltage............................................. – 0.3V to 40V
Short-Circuit Duration .................................... Indefinite
Storage Temperature Range.................. –65°C to 150°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
–IN A
OUT A
V+
OUT B
+IN A
V–
+IN B
–IN B
S8 PACKAGE
8-LEAD PLASTIC SO
+
–
B
+
–
A
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
OUTPUT A
–IN A
+IN A
V–
V+
OUTPUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
+
B
–
+
–
A
TJMAX = 150°C, θJA = 140°C/W
ORDER PART NUMBER
S8 PART MARKING
ORDER PART NUMBER
PART MARKING
LT1017CS8
LT1017IS8
LT1018CS8
LT1018IS8
1017
1017I
1018
1018I
LT1017CN8
LT1017IN8
LT1018CN8
TOP VIEW
OUTPUT B
V+
OUTPUT A
–IN A
–IN B
+IN B
+IN A
V–
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
+
B
–
+
A
–
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
OBSOLETE PACKAGE
Consider the 8-Lead Plastic Dip Package For Alternate Source
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
OUT A
–IN A
+IN A
V–
NC
NC
NC
NC
V+
OUT B
–IN B
+IN B
NC
NC
+
B
–
+
– A
TJMAX = 150°C, θJA = 130°C/W
ORDER PART NUMBER
PART MARKING
ORDER PART NUMBER
PART MARKING
LT1017MH
LT1017CH
LT1018MH
LT1018CH
LT1017CSW
LT1018CSW
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER INFORMATION
Operating Temperature Range
LT1017M/LT1018M......................... –55°C to 125°C
LT1017C/LT1018C................................. 0°C to 70°C
LT1017I/LT1018I............................... –40°C to 85°C
Lead Temperature (Soldering, 10 sec) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com