Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1081 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1081
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081 Datasheet(HTML) 2 Page - Linear Technology

  LT1081_15 Datasheet HTML 1Page - Linear Technology LT1081_15 Datasheet HTML 2Page - Linear Technology LT1081_15 Datasheet HTML 3Page - Linear Technology LT1081_15 Datasheet HTML 4Page - Linear Technology LT1081_15 Datasheet HTML 5Page - Linear Technology LT1081_15 Datasheet HTML 6Page - Linear Technology LT1081_15 Datasheet HTML 7Page - Linear Technology LT1081_15 Datasheet HTML 8Page - Linear Technology LT1081_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1080/LT1081
10801fe
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (VCC) ................................................. 6V
V+ ........................................................................................... 12V
V– ....................................................................................... –12V
Input Voltage
Driver ........................................................... V– to V+
Receiver ................................................. –30V to 30V
ON/OFF Pin .............................................. GND to 12V
Output Voltage
Driver ................................. (V– + 30V) to (V+ – 30V)
Receiver .................................. –0.3V to (VCC + 0.3V)
Short-Circuit Duration
V+ ...................................................................................... 30 sec
V– ...................................................................................... 30 sec
Driver Output ............................................... Indefinite
Receiver Output ........................................... Indefinite
Operating Temperature Range
LT1080C/LT1081C ................................. 0
°C to 70°C
LT1080I/LT1081I ................................ –40
°C to 85°C
LT1080M/LT1081M (OBSOLETE) ... –55
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LT1081CN
LT1081CSW
LT1081IN
LT1081ISW
LT1081CJ
LT1081MJ
LT1080CN
LT1080CSW
LT1080IN
LT1080ISW
LT1080CJ
LT1080MJ
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 120°C/W, θJC = 50°C/W (N)
TJMAX = 150°C, θJA = 90°C/W, θJC = 26°C/W (SW)
PACKAGE/ORDER I FOR ATIO
TJMAX = 150°C, θJA = 120°C/W, θJC = 50°C/W (N)
TJMAX = 150°C, θJA = 95°C/W, θJC = 27°C/W (SW)
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
REC2 IN
VCC
GND
TR1 OUT
REC1 IN
REC1 OUT
TR1 IN
TR2 IN
REC2 OUT
N PACKAGE
16-LEAD PDIP
SW PACKAGE
16-LEAD PLASTIC SO WIDE
LT1081
SW PACKAGE
18-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
9
TOP VIEW
N PACKAGE
18-LEAD PDIP
18
17
16
15
14
13
12
11
10
NC
C1+
V+
C1–
C2+
C2–
V–
TR2 OUT
REC2 IN
ON/OFF
VCC
GND
TR1 OUT
REC1 IN
REC1 OUT
TR1 IN
TR2 IN
REC2 OUT
LT1080
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
J PACKAGE
18-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W, θJC = 40°C/W (J)
J PACKAGE
16-LEAD CERDIP
TJMAX = 150°C, θJA = 100°C/W, θJC = 40°C/W (J)
OBSOLETE PACKAGE
Consider N Package for Alternate Source
OBSOLETE PACKAGE
Consider N Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com