Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S52003M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # S52003M
Description  External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 3M (10-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S52003M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  S52003M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S52003M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External SAS Cable, 4 Lane - mini-SAS (SFF-8088)
to 4xInfiniband (SFF-8470), 3M (10-ft.)
MODEL NUMBER: S520-03M
Description
Tripp Lite's S520-03M External SAS Cable features "mini-SAS" SFF-8088 to SFF-8470 connectors with heavy- duty metal backshells. This 4-channel cable is
constructed with a high-performance Infiniband cable, which features individually shielded parallel pairs, double EMI/RFI shielding and 6.0 Gigabytes per
second performance.
Features
External SAS Cable, Mini-SAS SFF-8088 (iSAS) to SFF-8470 - 3 Meter
Made with High-Performance Infiniband Cable
Supports data transfer rates from 3.0 up to 6.0 gigabytes per second
SFF-8470 thumbscrew type connector and SFF-8088 connector in die cast zinc housing for durability
RoHS compliant
Specifications
OVERVIEW
Cable Type
SAS
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
Highlights
Hi-Performance 3 Meter SAS
External Cable
Mini-SAS SFF-8088 (iSAS) to
SFF-8470
System Requirements
SAS Controllers, SAS Chassis,
SAS/SATA Hard Drives
Package Includes
3 Meter SAS External SFF-8088
to SFF-8470 Cable
1 / 2


Similar Part No. - S52003M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S52001M TRIPPLITE-S52001M Datasheet
486Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 1M (3-ft.)
S52002M TRIPPLITE-S52002M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 2M (6-ft)
More results

Similar Description - S52003M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S52001M TRIPPLITE-S52001M Datasheet
486Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 1M (3-ft.)
S52002M TRIPPLITE-S52002M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 2M (6-ft)
S52203M TRIPPLITE-S52203M Datasheet
500Kb / 2P
External SAS Cable, 4 Lane - 4xInfiniband (SFF-8470) to 4xInfiniband (SFF-8470), 3M (10-ft.)
S52402M TRIPPLITE-S52402M Datasheet
491Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to mini-SAS (SFF-8088), 2M (6-ft.)
S52403M TRIPPLITE-S52403M Datasheet
493Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to mini-SAS (SFF-8088), 3M (10-ft.)
S520-01M TRIPPLITE-S520-01M Datasheet
159Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 1M (3-ft.), TAA
S520-02M TRIPPLITE-S520-02M Datasheet
160Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 2M (6-ft.), TAA
S520-03M TRIPPLITE-S520-03M Datasheet
160Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to 4xInfiniband (SFF-8470), 3M (10-ft.)
S522-03M TRIPPLITE-S522-03M Datasheet
164Kb / 2P
External SAS Cable, 4 Lane - 4xInfiniband (SFF-8470) to 4xInfiniband (SFF-8470), 3M (10-ft.), TAA
S524-03M TRIPPLITE-S524-03M Datasheet
162Kb / 2P
External SAS Cable, 4 Lane - mini-SAS (SFF-8088) to mini-SAS (SFF-8088), 3M (10-ft.), TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com