Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1566-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1566-1
Description  Low Noise 2.3MHz Continuous Time Lowpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1566-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC1566-1 Datasheet HTML 1Page - Linear Technology LTC1566-1 Datasheet HTML 2Page - Linear Technology LTC1566-1 Datasheet HTML 3Page - Linear Technology LTC1566-1 Datasheet HTML 4Page - Linear Technology LTC1566-1 Datasheet HTML 5Page - Linear Technology LTC1566-1 Datasheet HTML 6Page - Linear Technology LTC1566-1 Datasheet HTML 7Page - Linear Technology LTC1566-1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1566-1
2
15661fa
Total Supply Voltage ................................................ 11V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1566-1CS .......................................... 0°C to 70°C
LTC1566-1IS ...................................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 80°C/W
(Note 4)
Consult factory for parts specified with wider operating temperature ranges.
LTC1566-1CS8
LTC1566-1IS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V (V+ = 5V, V– = 0V), RLOAD = 10k from each output to AC ground,
Pin 5 connected to Pin 3, Pin 3 biased to mid supply, unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Filter Gain, VS = 5V
VIN = 0.25VP-P
fIN = 20kHz to 100kHz
●
11.8
12.1
12.3
dB
fIN = 1.8MHz (Gain Relative to 100kHz)
●
–0.35
0
0.8
dB
fIN = 2MHz (Gain Relative to 100kHz)
●
–0.85
– 0.1
0.8
dB
fIN = 2.3MHz (Gain Relative to 100kHz)
●
–7.5
– 3
–0.95
dB
fIN = 3MHz (Gain Relative to 100kHz)
●
–22
–17
dB
fIN = 5MHz (Gain Relative to 100kHz)
– 42
dB
fIN = 10MHz (Gain Relative to 100kHz)
– 62
dB
Filter Phase, VS = ±5V
VIN = 0.25VP-P
fIN = 900kHz
●
–165
–150
–135
deg
fIN = 1.8MHz
●
–330
–285
–265
deg
Phase Linearity, VS = ±5V
Ratio of phases: 1.8MHz/900kHz
●
1.9
1.95
2.05
Filter Gain, VS = ±5V
VIN = 0.25VP-P
fIN = 20kHz to 100kHz
●
11.9
12.1
12.3
dB
fIN = 900kHz (Gain Relative to 100kHz)
●
–0.2
0
0.2
dB
fIN = 1.8MHz (Gain Relative to 100kHz)
●
–0.3
0.1
0.9
dB
fIN = 2MHz (Gain Relative to 100kHz)
●
–0.55
0.1
0.75
dB
fIN = 2.3MHz (Gain Relative to 100kHz)
●
–6
– 2
–0.3
dB
fIN = 3MHz (Gain Relative to 100kHz)
●
–20
–16
dB
fIN = 5MHz (Gain Relative to 100kHz)
– 41
dB
fIN = 10MHz (Gain Relative to 100kHz)
–61
dB
Input Referred Wideband Noise
Noise BW = 50kHz to 2MHz
62
µVRMS
THD
fIN = 100kHz, VOUT = 2VP-P (Note 2)
80
dB
Filter Differential DC Swing
Maximum Difference Between Pins 7 and Pin 8
VS = 5V
●
±1.3
±1.7
VP
with Pin 5, Pin 3 Biased to Mid Supply
VS = ±5V
●
±2.7
±2.9
VP
Input Bias Current
●
300
600
nA
Input Offset Current
±10
nA
Input Resistance
Common Mode, VIN = 1.5V to 3.5V
70
MΩ
Differential
140
MΩ
Input Capacitance
2pF
Output DC Offset
VS = 5V
±3
±10
mV
(Notes 3, 5)
VS = ±5V
±3
±10
mV
TOP VIEW
OUT +
OUT –
V +
VODC
IN+
IN –
GND
V –
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
S8 PART MARKING
15661
15661I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com