Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1453 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SB1453
Description  PNP SILICON EPITAXIAL POWER TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB1453 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SB1453_15 Datasheet HTML 1Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 2Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 3Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 4Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 5Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 6Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 7Page - Renesas Technology Corp 2SB1453_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D16129EJ2V0DS
2
2SB1453
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−10
µA
DC current gain
hFE1**
VCE =
−5.0 V, IC = −0.5 A
100
400
−
DC current gain
hFE2**
VCE =
−5 V, IC = −3 A
20
−
Collector saturation voltage
VCE(sat)**
IC =
−3.0 A, IB = −300 mA
−1.0
V
Base saturation voltage
VBE(sat)**
IC =
−3.0 A, IB = −300 mA
−2.0
V
Gain bandwidth product
fT
VCE =
−5.0 V, IC = −0.5 A
5
MHz
Collector capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
80
pF
Turn-on time
ton
0.4
µs
Storage time
tstg
1.7
µs
Fall time
tf
IC =
−2.0 A, IB1 = −IB2 = −200 mA,
RL = 15
Ω, VCC ≅ −30 V
Refer to the test circuit.
0.5
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com