Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1517-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1517-5
Description  Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1517-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC1517-5 Datasheet HTML 1Page - Linear Technology LTC1517-5 Datasheet HTML 2Page - Linear Technology LTC1517-5 Datasheet HTML 3Page - Linear Technology LTC1517-5 Datasheet HTML 4Page - Linear Technology LTC1517-5 Datasheet HTML 5Page - Linear Technology LTC1517-5 Datasheet HTML 6Page - Linear Technology LTC1517-5 Datasheet HTML 7Page - Linear Technology LTC1517-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1517-5
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
(Note 1)
VIN to GND ...................................................– 0.3V to 6V
VOUT to GND ................................................– 0.3V to 6V
VOUT Short-Circuit Duration ............................. Indefinite
Operating Temperature Range:
Commercial ............................................ 0
°C to 70°C
Extended (Note 2).............................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
S5 PART MARKING
TJMAX = 125°C, θJA = 256°C/ W
C1–
5
C1+
1
2
3
VIN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
VOUT
GND
4
Consult factory for Industrial and Military grade parts and for -3 and -3.3
version availability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Input Voltage
q
2.7
5
V
VOUT
Output Voltage
2.7V
≤ VIN ≤ 5V, IOUT ≤ 10mA
q
4.8
5.0
5.2
V
3V
≤ VIN ≤ 5V, IOUT ≤ 20mA
q
4.8
5.0
5.2
V
ICC
Input Supply Current
2.7V
≤ VIN ≤ 5V, IOUT = 0
q
615
µA
VOUT Ripple
VIN = 3V, IOUT = 20mA, COUT = 6.8µF75
mVP-P
fOSC
Oscillator Frequency
800
kHz
tON
VOUT Turn-On Time
VIN = 3V
1
ms
VIN = 2.7V to 5V, C1 = 0.1µF, CIN = 3.3µF, COUT = 6.8µF, TMIN to TMAX, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
The q denotes specifications that apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Extended grade parts are 100% tested at TA = 25°C. Performance
at – 40
°C and 85°C is assured by design, characterization and correlation
with statistical process controls.
LTC1517CS5-5
LTC1517ES5-5
LTCX
LTTF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com