Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4069 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4069
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4069 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4069 Datasheet HTML 9Page - Linear Technology LTC4069 Datasheet HTML 10Page - Linear Technology LTC4069 Datasheet HTML 11Page - Linear Technology LTC4069 Datasheet HTML 12Page - Linear Technology LTC4069 Datasheet HTML 13Page - Linear Technology LTC4069 Datasheet HTML 14Page - Linear Technology LTC4069 Datasheet HTML 15Page - Linear Technology LTC4069 Datasheet HTML 16Page - Linear Technology LTC4069 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC4069
13
4069fc
For more information www.linear.com/LTC4069
applicaTions inForMaTion
withlowimpedanceleads.Excessiveleadlength,however,
may add enough series inductance to require a bypass
capacitor of at least 1µF from BAT to GND. Furthermore,
a 4.7µF capacitor with a 0.2Ω to 1Ω series resistor from
BAT to GND is required to keep ripple voltage low when
the battery is disconnected.
HighvaluecapacitorswithverylowESR(especiallyceram-
ic) may reduce the constant-voltage loop phase margin.
Ceramic capacitors up to 22µF may be used in parallel
with a battery, but larger ceramics should be decoupled
with 0.2Ω to 1Ω of series resistance.
In constant-current mode, the PROG pin is in the feedback
loop,notthebattery.Becauseoftheadditionalpolecreated
by the PROG pin capacitance, capacitance on this pin must
be kept to a minimum. With no additional capacitance on
the PROG pin, the charger is stable with program resistor
values as high as 25k. However, additional capacitance on
this node reduces the maximum allowed program resis-
tor. The pole frequency at the PROG pin should be kept
above 100kHz. Therefore, if the PROG pin is loaded with
a capacitance, CPROG, the following equation should be
usedtocalculatethemaximumresistancevalueforRPROG:
RPROG ≤
1
2
π •105 •CPROG
Average,ratherthaninstantaneous,batterycurrentmaybe
of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current as shown in Figure 5. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
Power Dissipation
The conditions that cause the LTC4069 to reduce charge
current through thermal feedback can be approximated
by considering the power dissipated in the IC. For high
charge currents, the LTC4069 power dissipation is ap-
proximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. It is not necessary to perform any worst-case
power dissipation scenarios because the LTC4069 will
automatically reduce the charge current to maintain the
die temperature at approximately 115°C. However, the
VCC
MP1
MN1
1k
2k
4.02k
ICHG
D1
Li-Ion
BATTERY
SYSTEM
LOAD
4069 F04
LTC4069
BAT
USB
POWER
500mA
ICHG
5V WALL
ADAPTER
750mA
ICHG
PROG
+
Figure 5. Isolating Capacitive Load on the PROG Pin and Filtering
Figure 4. Combining Wall Adapter and USB Power
4069 F05
CFILTER
CHARGE
CURRENT
MONITOR
CIRCUITRY
RPROG
LTC4069
PROG
GND
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com