Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4702G Datasheet(PDF) 1 Page - NEC

Part # UPD4702G
Description  INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4702G Datasheet(HTML) 1 Page - NEC

  UPD4702G Datasheet HTML 1Page - NEC UPD4702G Datasheet HTML 2Page - NEC UPD4702G Datasheet HTML 3Page - NEC UPD4702G Datasheet HTML 4Page - NEC UPD4702G Datasheet HTML 5Page - NEC UPD4702G Datasheet HTML 6Page - NEC UPD4702G Datasheet HTML 7Page - NEC UPD4702G Datasheet HTML 8Page - NEC UPD4702G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
The
µPD4702 is 8-bit up/down counters for an incremental encoder. Two-phase (A, B) incremental input signals
are phase-differentiated, and on each signal edge, an up-count is executed if the A phase is leading, or a down-count
if the B phase is leading. Eight-bit count data is output in real time. A carry output and borrow output are also
provided for counter overflow and underflow.
The
µPD4704 is also available; use of these enables the count width to be extended.
©
1994
DATA SHEET
1993
INCREMENTAL ENCODER 8-BIT UP/DOWN COUNTER
CMOS INTEGRATED CIRCUITS
µPD4702
MOS INTEGRATED CIRCUIT
FEATURES
• Incremental inputs (A, B)
• On-chip phase discrimination circuit (up-count mode
when the phase order is A
→ B, down-count mode
when B
→ A) 4-multiplication count method
• On-chip edge detection circuit
• 8-bit up/down counter latch output o Carry output,
borrow output
• Count data output controllable (3-state output)
• CMOS, single +5 V power supply
ORDERING INFORMATION
Part Number
Package
µPD4702C
20-pin plastic DIP
(300 mil)
µPD4702G
20-pin plastic SOP
(300 mil)
1
2
3
4
5
6
7
8
9
10
Reset
A
B
NC
CD0
CD1
CD2
CD3
NC
VSS
VDD
Carry
Borrow
STB
OE
CD7
CD6
CD5
CD4
NC
20
19
18
17
16
15
14
13
12
11
PIN CONFIGURATION (Top View)
PIN NAMES
A
2-phase incremental signal inputs
B
Reset
: Counter reset input
STB
: Latch strobe signal input
OE
: Output control signal input
CD0-7
: Count data outputs
Carry
: Carry pulse output
Borrow : Borrow pulse output
Document No.
IC-3304A (2nd edition)
(O. D. No.
IC-5403A)
Date Published April 1997 P
Printed in Japan


Similar Part No. - UPD4702G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4702G RENESAS-UPD4702G Datasheet
279Kb / 17P
MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD4702G

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4704 NEC-UPD4704 Datasheet
191Kb / 16P
EXTENSION 8-BIT UP/DOWN COUNTER CMOS INTEGRATED CIRCUITS
logo
Texas Instruments
CD4029B TI-CD4029B Datasheet
302Kb / 7P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Intersil Corporation
CD4029BMS INTERSIL-CD4029BMS Datasheet
124Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
8-Bit Up/Down Counter
logo
National Semiconductor ...
DM54LS469 NSC-DM54LS469 Datasheet
124Kb / 4P
DM54LS469/DM74LS469 8-Bit Up/Down Counter
logo
List of Unclassifed Man...
SCL4510B ETC1-SCL4510B Datasheet
742Kb / 4P
CMOS BCD UP/DOWN COUNTER
SCL4516B ETC1-SCL4516B Datasheet
598Kb / 3P
CMOS BINARY UP/DOWN COUNTER
logo
Texas Instruments
CD4029B TI1-CD4029B_15 Datasheet
1Mb / 18P
CMOS PRESETTABLE UP/DOWN COUNTER
logo
Renesas Technology Corp
CD4029BMS RENESAS-CD4029BMS Datasheet
436Kb / 11P
CMOS Presettable Up/Down Counter
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com