Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4314 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4314
Description  25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4314 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4314 Datasheet HTML 23Page - STMicroelectronics AN4314 Datasheet HTML 24Page - STMicroelectronics AN4314 Datasheet HTML 25Page - STMicroelectronics AN4314 Datasheet HTML 26Page - STMicroelectronics AN4314 Datasheet HTML 27Page - STMicroelectronics AN4314 Datasheet HTML 28Page - STMicroelectronics AN4314 Datasheet HTML 29Page - STMicroelectronics AN4314 Datasheet HTML 30Page - STMicroelectronics AN4314 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
PCB layout
AN4314
28/31
DocID024821 Rev 2
9
PCB layout
Figure 38 and Figure 39 show the layout of the PCB.
The demonstration board has been designed to fit in a typical LED driver case so the
maximum height is 20 mm, maximum length is 90 mm and the maximum width is less than
65 mm.
Of course the form factor could be further reduced depending on the capacitor value. Here a
very narrow current ripple has been defined as a specification, but accepting a higher value,
the capacitor size could be further reduced.
Figure 38. Bottom layer
Figure 39. Top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com