Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4374 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 17Page - STMicroelectronics AN4374 Datasheet HTML 18Page - STMicroelectronics AN4374 Datasheet HTML 19Page - STMicroelectronics AN4374 Datasheet HTML 20Page - STMicroelectronics AN4374 Datasheet HTML 21Page - STMicroelectronics AN4374 Datasheet HTML 22Page - STMicroelectronics AN4374 Datasheet HTML 23Page - STMicroelectronics AN4374 Datasheet HTML 24Page - STMicroelectronics AN4374 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID025366 Rev 2
21/25
AN4374
Higher current requests (outputs in parallel)
25
7
Higher current requests (outputs in parallel)
When the application requires to drive high power LEDs, the current demand could be
higher than the current provided by a single channel. In this case, a higher current capability
can be achieved by connecting together two or more channels (in accordance with the
current value to be regulated). Generally, no stability issues are shown using this output
connection but in any case a bypass capacitor on driver power supply (of about 1 uF) and in
particular a bypass capacitor near LED anodes on VLED power supply rail (of about 47 uF)
are strongly recommended.
8
PCB layout guidelines
The aim of this section is to provide some useful advice to design the application PCB.
General suggestions for PCB design are always valid. Beyond general recommendations,
there are some other important considerations, tailored for this device family especially to
reduce as minimum as possible EMI effects and maintain good signal integrity.
Signal integrity and radiated/conducted immunity
–
The external programming resistor between REXT and GND should be connected
as closer as possible to the device.
–
The serial bus should be routed on the board and shielded.
–
Try to widen spaces among signal lines till routing restrictions allow.
–
Do not draw traces closer than three times the dielectric height and moreover, the
distance between the centers of two adjacent traces should be at least four times
the trace width.
–
Design the transmission line so that the conductor is as closer to the ground plane
as possible. This technique couples the transmission line tightly to the ground
plane and helps to decouple it from adjacent signals.
–
All SPI signals should proceed to the same direction on the board by a bus (same
electrical length) to avoid CLK/LE skew (CLK and SDI are re-synchronized device-
by-device).
–
As far as the serial bus is concerned, whenever it is possible, vias should be
avoided, tracing all strips on a single layer. Provide a ground plane close to this
layer. In case of an inner layer, insert the strips sandwiched between two GND
surfaces. Reduce the length of connections from the main bus to the device chain
(traces derived: stubs), especially for the CLK and PWCLK. Keep CLK and
PWCLK traces as straight as possible (corners should be rounded).
–
In the chain configuration, last device’s SDO signal has the maximum delay
compared to CLK source signal (strip propagation delay), the controller compares
a "delayed" SDO signal with a local "not delayed CLK" (check the set-up time and
clock distribution).
–
In case of poor digital signals or noise pick-up on SPI lines some low pass-filters
represent a suitable solution to be implemented. The RC time constant must be
chosen case-by-case considering CLK frequency and noise characteristics. For



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com