Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4395 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4395
Description  Autonomous wireless multi-sensor node powered by PV cells
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4395 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4395 Datasheet HTML 16Page - STMicroelectronics AN4395 Datasheet HTML 17Page - STMicroelectronics AN4395 Datasheet HTML 18Page - STMicroelectronics AN4395 Datasheet HTML 19Page - STMicroelectronics AN4395 Datasheet HTML 20Page - STMicroelectronics AN4395 Datasheet HTML 21Page - STMicroelectronics AN4395 Datasheet HTML 22Page - STMicroelectronics AN4395 Datasheet HTML 23Page - STMicroelectronics AN4395 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DocID025513 Rev 1
21/24
AN4395
STEVAL-IDS002V1 reference kit description (SPIDEr™)
24
J8 (16-pin monitoring connector)
It provides the connection to the power monitoring board.
SOURCE, PV+:
Harvesting source current sensing pins.
If the power monitoring board is used, then the jumper J5 must be left open; otherwise
(power monitoring board not used) pins 1 - 2 of J5 must be shorted.
VBATT+, VBATT_OUT:
Battery current sensing pins.
If the power monitoring board is used, then the jumper J6 must be left open; otherwise
(power monitoring board not used) pins 1 - 2 of J6 must be shorted.
SUPPLY_SFH5711:
Power supply of the ambient light sensor pin (placed on the top side of the board).
The ambient light sensor is supplied and used only when the power monitoring board is
connected.
AMBIENT_LIGHT, AMBIENT_LIGHT_PIN:
Ambient light current sensing pins.
If the power monitoring board is used, then the jumper J7 must be left open.
GND: Ground pin.
Table 13. J8 connector
Pin
1 - 2
3 - 4
5 - 6
7 - 8
9 - 10
11 - 12
13 - 14
15 - 16
Direction/supply
OUT
OUT
OUT
OUT
SUPPLY
OUT
OUT
SUPPLY
Signal
SOURCE
PV+
Vbatt+
VBATT_
OUT
SUPPLY_
SFH5711
AMBIENT_
LIGHT_PIN
AMBIENT
_LIGHT
GND
Table 14. SW1 - SW2
SW1
SW2
Function
CLOSE 1 - 3: LDO1 DISABLED
CLOSE 2 - 3: LDO1 ENABLED
CLOSE 1 - 3:
LDO2 DISABLED (sensor/transmitter module not supplied)
CLOSE 2 - 3:
LDO2 ENABLED (sensor/transmitter module supplied)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com