Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4450 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4450
Description  Hardware and software guidelines for use of LPS25H pressure sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4450 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4450 Datasheet HTML 17Page - STMicroelectronics AN4450 Datasheet HTML 18Page - STMicroelectronics AN4450 Datasheet HTML 19Page - STMicroelectronics AN4450 Datasheet HTML 20Page - STMicroelectronics AN4450 Datasheet HTML 21Page - STMicroelectronics AN4450 Datasheet HTML 22Page - STMicroelectronics AN4450 Datasheet HTML 23Page - STMicroelectronics AN4450 Datasheet HTML 24Page - STMicroelectronics AN4450 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID025978 Rev 1
21/26
AN4450
Using FIFO modes
26
5.2
Extra FIFO modes
For all the following modes the trigger signal is the IA bit[2] of register INT_SOURCE (0x25)
which is configured by register INTERRUPT_CFG (0x24).
5.2.1
Stream to FIFO mode (F_MODE[2..0]="011" in FIFO_CTRL (0x2E))
The FIFO works in Stream mode till a trigger event occurs, then it changes to FIFO mode.
5.2.2
Bypass to Stream mode (F_MODE[2..0]="100" in FIFO_CTRL (0x2E))
The FIFO is in Bypass mode, so it stays empty because it is not operational, till a trigger
event occurs, then the FIFO enters in Stream mode.
5.2.3
Bypass to FIFO mode (F_MODE[2..0]="111" in FIFO_CTRL (0x2E))
The FIFO is in Bypass mode, so it stays empty because it is not operational, till a trigger
event occurs, then the FIFO mode starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com