Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4503 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4503
Description  This application note provides guidelines for successfully integrating
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4503 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4503 Datasheet HTML 8Page - STMicroelectronics AN4503 Datasheet HTML 9Page - STMicroelectronics AN4503 Datasheet HTML 10Page - STMicroelectronics AN4503 Datasheet HTML 11Page - STMicroelectronics AN4503 Datasheet HTML 12Page - STMicroelectronics AN4503 Datasheet HTML 13Page - STMicroelectronics AN4503 Datasheet HTML 14Page - STMicroelectronics AN4503 Datasheet HTML 15Page - STMicroelectronics AN4503 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Linux kernel space
AN4503
12/26
DocID026411 Rev 2
3
Linux kernel space
This layer contains the Linux device drivers: hts221.ko, lps25.ko and uv.ko.
They use the input subsystem, which is a generic Linux framework that is common for other
input devices including mouse and joystick. The data is exported to the user space through
the Sysfs virtual file system (/sys/class/input/) and can be found in /dev/input/input<x>,
where <x> is unique for every device. The driver sends/receives data to/from the sensor
through the stable Linux subsystem I²C.
Note:
At the time of writing, the hts221 driver only functions in OneShot mode.
3.1
Overview of the environment
To properly configure the PandaBoard, the adapters for humidity, pressure and ultraviolet
are connected to the PandaBoard on the I²C bus (refer to Chapter 4.1)
The file board-omap4panda.c in [KR]/arch/arm/mach-omap2/board-omap4panda.c is then
patched as described below.
3.1.1
I²C bus initialization patch
static int __init omap4_panda_i2c_init(void)
{
omap4_pmic_init("twl6030", &omap4_panda_twldata);
omap_register_i2c_bus(2, 400, NULL, 0);
/*
* Bus 3 is attached to the DVI port where devices like the pico DLP
* projector don't work reliably with 400kHz
*/
omap_register_i2c_bus(3, 100, panda_i2c_eeprom,
ARRAY_SIZE(panda_i2c_eeprom));
omap_register_i2c_bus(4, 200, panda_i2c_memsensors,
ARRAY_SIZE(panda_i2c_memsensors)
);
return 0;
}
Initialize bus 4 (which the devices are connected to) by adding the above line in bold.
The structures below are also added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com