Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4508 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4508
Description  Parameters and calibration of a low-g 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4508 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4508 Datasheet HTML 1Page - STMicroelectronics AN4508 Datasheet HTML 2Page - STMicroelectronics AN4508 Datasheet HTML 3Page - STMicroelectronics AN4508 Datasheet HTML 4Page - STMicroelectronics AN4508 Datasheet HTML 5Page - STMicroelectronics AN4508 Datasheet HTML 6Page - STMicroelectronics AN4508 Datasheet HTML 7Page - STMicroelectronics AN4508 Datasheet HTML 8Page - STMicroelectronics AN4508 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID026444 Rev 1
5/13
AN4508
Terminology
13
zero-g accuracy of ±20 mg means that the zero-g output varies typically in the range of
±20 mg around the expected ideal value.
TCOff - Zero-g level change vs. temperature: This parameter defines how much the
zero-g level is affected by temperature variations.
An - Acceleration noise density: This parameter defines the standard resolution the
user can obtain from the accelerometer (once the desired BW is selected).
1
 resolution =
. The higher BW leads to lower resolution.
NL - Non linearity: This parameter defines the maximum error between the outputs and
the best-fit straight line. For example, at ±2.0 g full-scale range, the non-linearity of
0.5% of FS means the largest error is 0.5% * 4000 mg = 2 mg, which corresponds to
0.1°. When the application requires measurements around the 0 g condition (as with tilt
measurement), the non-linearity effect is negligible and can be ignored.
CrossAx - Cross-axis sensitivity: The cross-axis effect arises due to natural
misalignment of die positioning on the package substrate. Even if negligible in most
applications, for very accurate tilt measurement the cross-axis sensitivity effect can be
easily compensated for by following the procedure in Section 2: Calibrating the
accelerometer. Moreover, when the device is placed on the final application board, the
accelerometer calibration compensates both the device cross-axis sensitivity, and the
misalignment between the accelerometer sensing axes and the board axes.
1.2
Definitions
Assume that the accelerometer is installed in a handheld device, such as a cell phone, a
PDA or simply on a PCB board as shown in Figure 1.
Figure 1. Accelerometer inside a handheld device
Xb, Yb and Zb are the handheld device body axes with a forward-right-down configuration.
XA, YA and ZA are the accelerometer sensing axes, respectively. Note that the sign of YA
and ZA from the sensor measurements need to be reversed to have the sensing axes in the
same direction as the device body axes.
Pitch and roll angles are referenced to the local horizontal plane, which is perpendicular to
the Earth's gravity.
Pitch (
) is defined as the angle between the Xb axis and the horizontal plane. Assume
that the pitch angle resolution is 0.1°, then it goes from 0° to +179.9° when rotating
around the Yb axis with the Xb axis moving upwards from a flat level, and then keeps
An gHz

BW Hz




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com