Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4509 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4509
Description  Tilt measurement using a low-g 3-axis accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4509 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4509 Datasheet HTML 1Page - STMicroelectronics AN4509 Datasheet HTML 2Page - STMicroelectronics AN4509 Datasheet HTML 3Page - STMicroelectronics AN4509 Datasheet HTML 4Page - STMicroelectronics AN4509 Datasheet HTML 5Page - STMicroelectronics AN4509 Datasheet HTML 6Page - STMicroelectronics AN4509 Datasheet HTML 7Page - STMicroelectronics AN4509 Datasheet HTML 8Page - STMicroelectronics AN4509 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID026445 Rev 1
5/10
AN4509
Calculating tilt angles
10
A single axis of the accelerometer with 360° rotation is shown in Figure 2 and 3.
Figure 2. 360° rotation of a single axis of the accelerometer
Figure 3. Plot of 360° rotation of a single axis of the accelerometer
1.2
Tilt sensing
1.2.1
Single-axis tilt sensing
From Figure 2 and 3, it can be observed that the sensor is most responsive to changes in tilt
angle when the sensing axis is perpendicular to the force of gravity. In this case, the
sensitivity is approximately 17.45 mg/° [= sin(1°) - sin(0°)]. Due to the derivate function of
the sine function, the sensor has lower sensitivity (less responsive to tilt angle changes)
when the sensing axis is close to its +1 g or -1 g position. In this case, sensitivity is only
0.15 mg/° [= sin(90°) - sin(89°)]. Table 1 shows the sensitivity at different tilt angles. In other
words, the sine function has good linearity at [0° 45°], [135° 225°] and [315° 360°] as shown
in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com