Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1062 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1062
Description  The PM8803 is a highly integrated device embedding
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1062 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1062 Datasheet HTML 9Page - STMicroelectronics UM1062 Datasheet HTML 10Page - STMicroelectronics UM1062 Datasheet HTML 11Page - STMicroelectronics UM1062 Datasheet HTML 12Page - STMicroelectronics UM1062 Datasheet HTML 13Page - STMicroelectronics UM1062 Datasheet HTML 14Page - STMicroelectronics UM1062 Datasheet HTML 15Page - STMicroelectronics UM1062 Datasheet HTML 16Page - STMicroelectronics UM1062 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
5
Bill of material
With minimal BOM changes it is possible to switch from 3.3 V to 5 V output voltage.
Table 6.
EVALPM8803-FWD BOM
3.3 V
5 V
Reference
Description
Value
Tol.
Voltage
Body
Vendor
11
EVALPM8803-FWD
ACFWD rev1
Board PCB
77
C1,C2,C3,C4,C11C36,
C57
Ceramic capacitor
100 nF
50 V
603
Std
4
4
C5,C6,C7,C8
Ceramic capacitor
10 nF
10%
100 V
603
TDK
NM
NM
C9,C22
Ceramic capacitor
NM
1812
NM
66
C10,C39,C41,
C48,C53,C59
Ceramic capacitor
1 µF
20%
16 V
603
Std
1
1
C12
Ceramic capacitor
2.2 nF
2 kV
1812
TDK
NM
NM
C13,C20
Ceramic capacitor
NM
100 V
603
NM
3
3
C14,C16,C21
Ceramic capacitor
1 nF
10%
100 V
603
TDK
NM
NM
C15,C17,C24,C60
Ceramic capacitor
NM
100 V
805
NM
2
2
C18,C32
Ceramic capacitor
0.1 µF
10%
100 V
805
TDK
2
2
C19, C38
Ceramic capacitor
22 nF
50 V
603
Std
NM
NM
C42,C46,C56,C66C69
Ceramic capacitor
NM
603
NM
1
1
C26
Aluminium capacitor
33 µF
20%
100 V
10x10.2
Std
2
2
C33,C35
Ceramic capacitor
10 µF
20%
6.3 V
805
Std
2
2
C28,C29
Ceramic capacitor
1 µF
20%
100 V
1206
TDK
2
2
C31,C37
Ceramic capacitor
1 nF
10%
100 V
805
Std
1
1
C34
Aluminium capacitor
330 µF
6.3 V
8x10.5
Suncon
NM
NM
C40
Ceramic capacitor
NM
805
NM
NM
NM
C43
Aluminium capacitor
NM
4x6
NM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com