Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1470 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1470
Description  The purpose of this document is to describe
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1470 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1470 Datasheet HTML 9Page - STMicroelectronics UM1470 Datasheet HTML 10Page - STMicroelectronics UM1470 Datasheet HTML 11Page - STMicroelectronics UM1470 Datasheet HTML 12Page - STMicroelectronics UM1470 Datasheet HTML 13Page - STMicroelectronics UM1470 Datasheet HTML 14Page - STMicroelectronics UM1470 Datasheet HTML 15Page - STMicroelectronics UM1470 Datasheet HTML 16Page - STMicroelectronics UM1470 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UM1470
Measurements
Doc ID 022241 Rev 1
13/19
4.2
Standby
The standby behavior of the board is displayed in Figure 7. This value is for any input
voltage below 30 mW. The measured value could be partly reduced by using a higher value
of resistors R1 and R3. The power loss over these resistors is about 4.5 mW. By using
a higher value voltage divider (5 - 10 times) the standby losses drop by about several mW,
but this action increases load regulation.
Figure 7.
Standby depending on the input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com