Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1479 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 9Page - STMicroelectronics UM1479 Datasheet HTML 10Page - STMicroelectronics UM1479 Datasheet HTML 11Page - STMicroelectronics UM1479 Datasheet HTML 12Page - STMicroelectronics UM1479 Datasheet HTML 13Page - STMicroelectronics UM1479 Datasheet HTML 14Page - STMicroelectronics UM1479 Datasheet HTML 15Page - STMicroelectronics UM1479 Datasheet HTML 16Page - STMicroelectronics UM1479 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
UM1479
Getting started
Doc ID 022381 Rev 1
13/28
Figure 13.
Information message - board is connected to GUI
1.2.10
Data logger stage
This stage is the logger stage of the system. In this phase the STEVAL-IPR002V1 board
logs all sensor values every one second.
Below are the steps for starting the data logger stage:
1.
Put the switch SW4 into the downward position, as shown in Figure 11.
2.
Insert a 3 V coin cell (CR2032) into the connector, as shown in Figure 5.
3.
Put the switch SW4 into the upward position, as shown in Figure 14, the board is
powered up by the coin cell. This starts the data logger application. The start time is
taken as the time which was configured in the pre-data logger stage.
4.
All the selected sensor data is logged inside the EEPROM every one second.
5.
To stop the data logging, put the switch SW4 into the downward position, as shown in
Figure 11.
Note:
Once the data logger is stopped using switch SW4, then starting it again through SW4
reinitializes the internal clock reference of the data logger. Therefore, on restarting the data
logger the new start time should be configured using the “Start the Data logger” GUI
window. SW4 is used to connect/disconnect the coin cell from the system.
Note:
Data is logged at an interval of 1 second. Once the memory for a particular sensor is full, no
more data is written inside the EEPROM for that sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com