Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1481 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM1481
Description  This document describes an easy and compact solution
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1481 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM1481 Datasheet HTML 45Page - STMicroelectronics UM1481 Datasheet HTML 46Page - STMicroelectronics UM1481 Datasheet HTML 47Page - STMicroelectronics UM1481 Datasheet HTML 48Page - STMicroelectronics UM1481 Datasheet HTML 49Page - STMicroelectronics UM1481 Datasheet HTML 50Page - STMicroelectronics UM1481 Datasheet HTML 51Page - STMicroelectronics UM1481 Datasheet HTML 52Page - STMicroelectronics UM1481 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Capacitors
C2,C4,C5,
C6,C7,C8,
C9,C10,C11,
C17,C21,
C22,C33
100 nF
SMD0805
Any
C19,C29,
C30,C31
1 µF
SMD0805
Any
C35,C36
22 pF
SMD0805
Any
C18,C20
47 µF/16 V
EIA 3216-18/ size
B or aluminum
electrolytic
capacitors - SMD
25 V 47 µF 20%
5X5.7
Any/Lelon
Any/VZS470M1ETR-
0506
Any/
Mouser
140-
VZS470M1ETR05
06
C23
100 µF/16 V
Aluminum
electrolytic
capacitors -
leaded 100 µF 16
V
Panasonic-ECG
ECE-A1CKA101
Mouser
667-ECE-
A1CKA101
C28
2.2 µF
SMD0805
Any
C33,C34
4.7 µF
SMD0805
Any
LEDs
D2,D3,D7,
D13 (red)
LED
SMD0805
Any
Inductors
L1
10 µH
SMD
Coiltronics/Div of
Cooper/Bussmann
SD53-100-R
Digi-Key
513-1457-1-ND
Resistors
R1,R10,R12,
R49(DNM),
R61(DNM),
0
SMD0805
Any
Table 21.
Bill of material (continued)
Category
Ref. design.
Component description
Package
Manufacturer
Manufacturer’s
ordering code /
orderable part
number or equivalent
Supplier
Supplier
ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com