Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4711BGS Datasheet(PDF) 2 Page - NEC

Part # UPD4711BGS
Description  RS-232 LINE DRIVER/RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4711BGS Datasheet(HTML) 2 Page - NEC

  UPD4711BGS Datasheet HTML 1Page - NEC UPD4711BGS Datasheet HTML 2Page - NEC UPD4711BGS Datasheet HTML 3Page - NEC UPD4711BGS Datasheet HTML 4Page - NEC UPD4711BGS Datasheet HTML 5Page - NEC UPD4711BGS Datasheet HTML 6Page - NEC UPD4711BGS Datasheet HTML 7Page - NEC UPD4711BGS Datasheet HTML 8Page - NEC UPD4711BGS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
µPD4711B
2
BLOCK DIAGRAM/PIN CONFIGURATION (Top View)
20
DC - DC
converter
VDD
C1
VCC
C1
GND
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
+5 V
C1
+
+
C3
+10 V
C4
+
+
C2
–10 V
DIN1
DIN2
ROUT1
ROUT2
TTL/CMOS
OUTPUT
TTL/CMOS
INPUT
Threshold control
DCON
DOUT1
RIN1
RIN2
RCON
RS-232
OUTPUT
RS-232
INPUT
C4
+
+
–
VSS
C4
–
GND
300
Ω
5.5 k
Ω
Standby STBY
DOUT2
Output contrtol
300
Ω
5.5 k
Ω
By pass
Capacitor
*
VDD and Vss are output pins of voltages internally boosted. Connecting a load directly to these pins is not
recommended.
**
The standby pin is internally pulled down.
***
Use capacitors with a working voltage of 16 V or higher as C1 through C4. Insert a bypass capasitor about 0.1
to 1
µF between VCC pin to GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com