Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4712D Datasheet(PDF) 1 Page - NEC

Part # UPD4712D
Description  RS-232 LINE DRIVER/RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4712D Datasheet(HTML) 1 Page - NEC

  UPD4712D Datasheet HTML 1Page - NEC UPD4712D Datasheet HTML 2Page - NEC UPD4712D Datasheet HTML 3Page - NEC UPD4712D Datasheet HTML 4Page - NEC UPD4712D Datasheet HTML 5Page - NEC UPD4712D Datasheet HTML 6Page - NEC UPD4712D Datasheet HTML 7Page - NEC UPD4712D Datasheet HTML 8Page - NEC UPD4712D Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The
µPD4712C and 4712D are high-voltage silicon gate CMOS line driver/reciever conforming to the
EIA/TIA-232-E standard. It can operate with a single +5 V power source because it is provided with a DC-DC converter.
In addition, this line driver/receiver has many ancillary functions, including output control, threshold select, and
standby functions. Because the
µPD4712C and 4712D are provided with four output driver circuits and four receiver
circuits, it can constitute an RS-232 interface circuit with a single chip.
FEATURES
• Conforms to EIA/TIA-232-E (RS-232C) standard
• +5 V single power source
• Threshold select pin selecting two types of threshold voltages
• Standby mode can be set by making standby pin high to reduce circuit current.
• Three-state output configuration. Both driver and receiver outputs go into high-impedance state in standby mode.
ORDERING INFORMATION
Part Number
Package
µPD4712CCY
28-pin plastic DIP (400 mil)
µPD4712DCY
28-pin plastic DIP (400 mil)
µPD4712CGT
28-pin plastic SOP (375 mil)
µPD4712DGT
28-pin plastic SOP (375 mil)
MOS INTEGRATED CIRCUIT
µPD4712C/4712D
©
1995
DATA SHEET
Document No. S10316EJ3V1DS00 (3rd edition)
Date Published April 1997 N
Printed in Japan
RS-232 LINE DRIVER/RECEIVER


Similar Part No. - UPD4712D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD4712DCY RENESAS-UPD4712DCY Datasheet
247Kb / 14P
MOS INTEGRATED CIRCUIT
1995
UPD4712DGT RENESAS-UPD4712DGT Datasheet
247Kb / 14P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD4712D

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
logo
Texas Instruments
SN75LV4735 TI1-SN75LV4735 Datasheet
181Kb / 11P
3.3-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com