Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM199A Datasheet(PDF) 2 Page - Linear Technology

Part # LM199A
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM199A Datasheet(HTML) 2 Page - Linear Technology

  LM199A_15 Datasheet HTML 1Page - Linear Technology LM199A_15 Datasheet HTML 2Page - Linear Technology LM199A_15 Datasheet HTML 3Page - Linear Technology LM199A_15 Datasheet HTML 4Page - Linear Technology LM199A_15 Datasheet HTML 5Page - Linear Technology LM199A_15 Datasheet HTML 6Page - Linear Technology LM199A_15 Datasheet HTML 7Page - Linear Technology LM199A_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM199/LM399
LM199A/LM399A
2
199399fc
For more information www.linear.com/LM399
pin conFiguraTion
absoluTe MaxiMuM raTings
TOP VIEW
+ 1
H PACKAGE
4-LEAD TO-46 METAL CAN
INSIDE THERMAL SHIELD
4
2
3
+
H
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LM399H
LM399H#TRPBF
LM399H
4-Lead TO-46 Metal Can
0°C to 70°C
LM399AH
LM399AH#TRPBF
LM399AH
4-Lead TO-46 Metal Can
0°C to 70°C
OBSOLETE PACKAGE
LM199H
LM199H#TRPBF
4-Lead TO-46 Metal Can
–55°C to 125°C
LM199AH
LM199AH#TRPBF
4-Lead TO-46 Metal Can
–55°C to 125°C
LM199AH-20
LM199AH-20#TRPBF
4-Lead TO-46 Metal Can
–55°C to 125°C
LM399AH-20
LM399AH-20#TRPBF
4-Lead TO-46 Metal Can
0°C to 70°C
LM399AH-50
LM399AH-50#TRPBF
4-Lead TO-46 Metal Can
0°C to 70°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LM199/LM199A
LM399/LM399A
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VZ
Reverse Breakdown Voltage
0.5mA ≤ IR ≤ 10mA
l
6.8
6.95
7.1
6.75
6.95
7.3
V
ΔVZ
Reverse Breakdown Voltage Change
with Current
0.5mA ≤ IR ≤ 10mA
l
6
9
6
12
mV
rZ
Reverse Dynamic Impedance
IR = 1mA (Note 6) (10Hz ≤ f ≤ 100Hz) l
0.5
1
0.5
1.5
Ω
ΔVZ
ΔTemp
Temperature Coefficient
LM199/LM399
–55°C ≤ TA ≤ 85°C
85°C ≤ TA ≤ 125°C
0°C ≤ TA ≤ 70°C
0.3
5
1
15
0.3
2
ppm/°C
ppm/°C
ppm/°C
LM199A/LM399A
–55°C ≤ TA ≤ 85°C
85°C ≤ TA ≤ 125°C
0°C ≤ TA ≤ 70°C
0.2
5
0.5
10
0.3
1
ppm/°C
ppm/°C
ppm/°C
en
RMS Noise
10Hz ≤ f ≤ 10kHz
l
7
20
7
50
µV
elecTrical characTerisTics
Temperature Stabilizer ..............................................40V
Reverse Breakdown Current...................................20mA
Forward Current.......................................................1mA
Reference to Substrate Voltage, VRS (Note 2)........–0.1V
Operating Temperature Range
LM199/LM199A (OBSOLETE)............ –55°C to 125°C
LM399/LM399A ...................................... 0°C to 70°C
Storage Temperature Range
LM199/LM199A (OBSOLETE)............ –65°C to 150°C
LM399/LM399A ................................ –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com