Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P312010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P312010
Description  3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P312010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P312010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P312010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5mm Mini Stereo Audio Cable for Microphones,
Speakers and Headphones (M/M), 10-ft.
MODEL NUMBER: P312-010
Description
10-ft. mini-stereo dubbing cord commonly used with multimedia speakers and other audio devices. 3.5mm stereo male to male connectors.
Features
Connect mini-stereo audio equipment up to 10 ft.
Molded cables with built-in strain relief
3.5mm Male to Male connectors
Specifications
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
3.5MM (MALE)
Connector B
3.5MM (MALE)
SPECIAL FEATURES
Chromebook Compatible
Yes
Highlights
Connect stereo audio equipment
up to 10 ft.
Use with external multimedia
speakers, MP3 players, PCs
Molded cables with built-in strain
relief
3.5mm Male to Male connectors
Package Includes
10-ft. Mini Stereo Dubbing Cord
3.5mm M/M
1 / 2


Similar Part No. - P312010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P312015 TRIPPLITE-P312015 Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 15-ft
More results

Similar Description - P312010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P312001 TRIPPLITE-P312001 Datasheet
478Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M-M), 1-ft
P312006 TRIPPLITE-P312006 Datasheet
469Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 6-ft
P312015 TRIPPLITE-P312015 Datasheet
477Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 15-ft
P312025 TRIPPLITE-P312025 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 25-ft
P312050 TRIPPLITE-P312050 Datasheet
468Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones,Speakers and Headphones (M-M), 50-ft
P312-001 TRIPPLITE-P312-001 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 1-ft.
P312-003 TRIPPLITE-P312-003 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 3-ft.
P312-006 TRIPPLITE-P312-006 Datasheet
153Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 6-ft.
P312-010 TRIPPLITE-P312-010 Datasheet
153Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 10-ft.
P312-012 TRIPPLITE-P312-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo Audio Cable for Microphones, Speakers and Headphones (M/M), 12-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com