Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385-1.2 Datasheet(PDF) 2 Page - Linear Technology

Part # LM385-1.2
Description  Micropower Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM385-1.2 Datasheet(HTML) 2 Page - Linear Technology

  LM385-1.2 Datasheet HTML 1Page - Linear Technology LM385-1.2 Datasheet HTML 2Page - Linear Technology LM385-1.2 Datasheet HTML 3Page - Linear Technology LM385-1.2 Datasheet HTML 4Page - Linear Technology LM385-1.2 Datasheet HTML 5Page - Linear Technology LM385-1.2 Datasheet HTML 6Page - Linear Technology LM385-1.2 Datasheet HTML 7Page - Linear Technology LM385-1.2 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM185-1.2/
LM285-1.2/LM385-1.2
2
ABSOLUTE
AXI U
RATI GS
Operating Temperature Range
LM185-1.2(OBSOLETE) ............... –55
°C to 125°C
LM285-1.2 ..........................................–40
°C to 85°C
LM385-1.2 .............................................. 0
°C to 70°C
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 160°C/W
LM185H-1.2
LM285H-1.2
LM385H-1.2
LM385BH-1.2
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
Reverse Breakdown Current ................................. 30mA
Forward Current ................................................... 10mA
OBSOLETE PACKAGE
(NOTE 3)
TJMAX = 150°C,
θJA = 440°C/W, θJC = 80°C/W
(NOTE 3)
TOP VIEW
NC
NC
NC
NC
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
NC
(DO
NOT USE)
BOTTOM VIEW
Z PACKAGE
3-LEAD PLASTIC TO-92
BOTTOM VIEW
H PACKAGE
2-LEAD TO-46 METAL CAN
12
LM385BS8-1.2
LM385S8-1.2
ORDER PART
NUMBER
3851
3851B
S8 PART
MARKING
TJMAX = 150°C, θJA = 190°C/W
ORDER PART
NUMBER
LM285Z-1.2
LM385Z-1.2
LM385BZ-1.2
Consider the S8 or Z Packages for Alternate Source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com