Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1226 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1226
Description  Low Noise Very High Speed Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1226 Datasheet(HTML) 2 Page - Linear Technology

  LT1226_15 Datasheet HTML 1Page - Linear Technology LT1226_15 Datasheet HTML 2Page - Linear Technology LT1226_15 Datasheet HTML 3Page - Linear Technology LT1226_15 Datasheet HTML 4Page - Linear Technology LT1226_15 Datasheet HTML 5Page - Linear Technology LT1226_15 Datasheet HTML 6Page - Linear Technology LT1226_15 Datasheet HTML 7Page - Linear Technology LT1226_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1226
2
Total Supply Voltage (V+ to V–) ............................... 36V
Differential Input Voltage .........................................
±6V
Input Voltage ............................................................
±VS
Output Short Circuit Duration (Note 1) ............ Indefinite
Operating Temperature Range
LT1226C ................................................ 0
°C to 70°C
Maximum Junction Temperature
Plastic Package .............................................. 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 2)
0.3
1.0
mV
IOS
Input Offset Current
100
400
nA
IB
Input Bias Current
48
µA
en
Input Noise Voltage
f = 10kHz
2.6
nV/
√Hz
in
Input Noise Current
f = 10kHz
1.5
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
24
40
M
Ω
Differential
15
k
Ω
CIN
Input Capacitance
2pF
Input Voltage Range +
12
14
V
Input Voltage Range –
– 13
– 12
V
CMRR
Common-Mode Rejection Ratio
VCM = ±12V
94
103
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
94
110
dB
AVOL
Large Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
50
150
V/mV
VOUT
Output Swing
RL = 500Ω
12.0
13.3
±V
IOUT
Output Current
VOUT = ±12V
24
40
mA
SR
Slew Rate
(Note 3)
250
400
V/
µs
Full Power Bandwidth
10V Peak, (Note 4)
6.4
MHz
GBW
Gain Bandwidth
f = 1MHz
1
GHz
tr, tf
Rise Time, Fall Time
AVCL = + 25,10% to 90%, 0.1V
5.5
ns
Overshoot
AVCL = +25, 0.1V
35
%
Propagation Delay
50% VIN to 50% VOUT
5.5
ns
ts
Settling Time
10V Step, 0.1%, AV = – 25
100
ns
Differential Gain
f = 3.58MHz, AV = +25, RL = 150Ω
0.7
%
Differential Phase
f = 3.58MHz, AV = +25, RL = 150Ω
0.6
Deg
RO
Output Resistance
AVCL = +25, f = 1MHz
3.1
Ω
IS
Supply Current
79
mA
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, TA = 25°C, VCM = 0V unless otherwise noted.
1
2
3
4
5
6
7
8
TOP VIEW
NULL
V+
NULL
–IN
OUT
NC
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SOIC
N8 PACKAGE
8-LEAD PLASTIC DIP
LT1226 PO01
ORDER PART
NUMBER
S8 PART MARKING
1226
LT1226CN8
LT1226CS8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com