Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S142000 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # S142000
Description  External SCSI U320 LVD-SE Active Terminator (VHDCI68 M)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S142000 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  S142000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S142000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
External SCSI U320 LVD/SE Active Terminator
(VHDCI68 M)
MODEL NUMBER: S142-000
Description
Tripp Lite's LVD/SE rated (mode-conditioning) external U320 terminator is the perfect solution for any application that requires an VHDCI68M terminator at the
end of a SCSI chain. Supports fast/ultra wide SCSI devices up to 320Mbps. This "Mode-conditioning" terminator makes up for any impedance irregularities
(multiple formats like U160 and U320 on same SCSI chain). VHDCI68M terminator has thumbscrews for secure connection. Also features an LED. Tripp Lite's
active terminators provide the clearest data signal maximizing signal integrity. Supports fast/ultra wide SCSI devices up to 320Mbps.
Features
Active terminators have voltage regulation circuitry designed to compensate for all voltage fluctuations caused by reflection in the SCSI bus
External LVD/SE SCSI terminator with LED indicator
Backwards compatible with previous SCSI generations
All Tripp Lite SCSI products, regardless of the SCSI generation, meet the latest specifications of ANSI
Tripp Lite offers a complete line of internal and external solutions for SCSI/RAID and fibre channel ranging from the very latest Ultra 320 to legacy SCSI-1
and every combination in between
Specifications
CONNECTIONS
Connector A
VHDCI68 (MALE)
WARRANTY
Highlights
"Active" terminators have voltage
regulation circuitry designed to
compensate for all voltage
fluctuations caused by reflection
in the SCSI bus
System Requirements
Any external SCSI devices
requiring a VHDCI Male
terminator
Package Includes
External SCSI U320 LVD/SE
active terminator VHDCI68M
single-ended with thumbscrews
and LED indicator
1 / 2


Similar Part No. - S142000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S1420 TOSHIBA-S1420 Datasheet
85Kb / 2P
SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
logo
Sealevel Systems, Inc.
S1420-10R SEALEVEL-S1420-10R Datasheet
266Kb / 2P
SeaPAC-1420 10.4” Touchscreen Flat Panel Computer for Industrial Environments
S1420-12R SEALEVEL-S1420-12R Datasheet
262Kb / 2P
SeaPAC-1420 12.1” Touchscreen Flat Panel Computer for Industrial Environments
S1420-15R SEALEVEL-S1420-15R Datasheet
264Kb / 2P
SeaPAC-1420 15” Touchscreen Flat Panel Computer for Industrial Environments
S1420-17R SEALEVEL-S1420-17R Datasheet
270Kb / 2P
SeaPAC-1420 17” Touchscreen Flat Panel Computer for Industrial Environments
More results

Similar Description - S142000

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
Ultra3 LVD/SE SCSI Terminator
DS2117M DALLAS-DS2117M Datasheet
129Kb / 9P
Ultra3 LVD/SE SCSI Terminator
logo
List of Unclassifed Man...
HP7501 ETC1-HP7501 Datasheet
209Kb / 9P
Ultra320 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Tripp Lite. All Rights ...
S140000 TRIPPLITE-S140000 Datasheet
500Kb / 2P
External SCSI U320 LVD-SE Active Terminator (HD68 M)
S455003 TRIPPLITE-S455003 Datasheet
471Kb / 2P
SCSI Ultra2-160-U320 LVD Cable (VHDCI68 to HD68 M-M), 3-ft
S455-003 TRIPPLITE-S455-003 Datasheet
154Kb / 2P
SCSI Ultra2/160/U320 LVD Cable (VHDCI68 to HD68 M/M), 3-ft.
logo
Maxim Integrated Produc...
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com