Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S450010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # S450010
Description  SCSI Ultra2-U160-U320 LVD Cable (HD68 M-M), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S450010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  S450010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S450010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCSI Ultra2/U160/U320 LVD Cable (HD68 M/M), 10-ft.
MODEL NUMBER: S450-010
Description
Multi-platform SCSI III external peripheral cable HD68M/M. This 10ft cable is designed to connect two SCSI III (fast and wide) or SCSI II devices together.
Supports all legacy transfer rates through Ultra 320. Manufactured using double shielded 34 twisted pair high impedance cable. Constructed with
low-capacitance, impedance matched, 28 AWG, stranded, tinned copper cable with insulated in polypropylene.
Features
Backwards compatibility with previous SCSI generations
Supports all SCSI transfer rates through 320/mb/s
LVD/SE compliant
Double shielded (foil and braid)
34 twisted pair conductors
All Tripp Lite SCSI products, regardless of the SCSI generation, meet the latest specifications of ANSI
Tripp Lite offers a complete line of internal and external solutions for SCSI/RAID and fibre channel ranging from the very latest Ultra 320 to legacy SCSI-1
and every combination in between
Specifications
OVERVIEW
Cable Type
SCSI
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Highlights
Premium double-shielded cable
Meets the most current SCSI
specifications for high-speed
devices
System Requirements
Any external SCSI device or host
controller card requiring HD68
interface
Package Includes
10-ft. SCSI U2/U160/U320
LVD/SE cable HD68M to HD68M
w/thumbscrews
1 / 2


Similar Part No. - S450010

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S450-0025-02 BEL-S450-0025-02 Datasheet
48Kb / 1P
5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
S450-0025-02 BEL-S450-0025-02 Datasheet
42Kb / 1P
5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
S450-0025-02 BEL-S450-0025-02_10 Datasheet
42Kb / 1P
5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
S450-0030-02 BEL-S450-0030-02 Datasheet
48Kb / 1P
5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
S450-0030-02 BEL-S450-0030-02 Datasheet
42Kb / 1P
5 TAP LEADING EDGE CONTROL HIGH -SPEED CMOS DELAY MODULES
More results

Similar Description - S450010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
S140000 TRIPPLITE-S140000 Datasheet
500Kb / 2P
External SCSI U320 LVD-SE Active Terminator (HD68 M)
S404006 TRIPPLITE-S404006 Datasheet
469Kb / 2P
SCSI Double Shielded Cable (HD68 M-M), 6-ft
S455003 TRIPPLITE-S455003 Datasheet
471Kb / 2P
SCSI Ultra2-160-U320 LVD Cable (VHDCI68 to HD68 M-M), 3-ft
S455006 TRIPPLITE-S455006 Datasheet
471Kb / 2P
SCSI Ultra2-U160-U320 LVD Cable (VHDCI to HD68 M-M), 6-ft
S455010 TRIPPLITE-S455010 Datasheet
471Kb / 2P
SCSI Ultra2-U160-U320 LVD Cable (VHDCI toHD68 M-M), 10-ft
S457006 TRIPPLITE-S457006 Datasheet
472Kb / 2P
SCSI Ultra2-U160-U320 LVD Cable (VHDCI M-M), 6-ft
S457010 TRIPPLITE-S457010 Datasheet
471Kb / 2P
SCSI Ultra2-U160-U320 LVD Cable (VHDCI M-M),10-ft
S455-003 TRIPPLITE-S455-003 Datasheet
154Kb / 2P
SCSI Ultra2/160/U320 LVD Cable (VHDCI68 to HD68 M/M), 3-ft.
S455-006 TRIPPLITE-S455-006 Datasheet
154Kb / 2P
SCSI Ultra2/U160/U320 LVD Cable (VHDCI to HD68 M/M), 6-ft.
S455-010 TRIPPLITE-S455-010 Datasheet
154Kb / 2P
SCSI Ultra2/U160/U320 LVD Cable (VHDCI toHD68 M/M), 10-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com