Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1304 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 2 Page - Linear Technology

  LT1304_15 Datasheet HTML 1Page - Linear Technology LT1304_15 Datasheet HTML 2Page - Linear Technology LT1304_15 Datasheet HTML 3Page - Linear Technology LT1304_15 Datasheet HTML 4Page - Linear Technology LT1304_15 Datasheet HTML 5Page - Linear Technology LT1304_15 Datasheet HTML 6Page - Linear Technology LT1304_15 Datasheet HTML 7Page - Linear Technology LT1304_15 Datasheet HTML 8Page - Linear Technology LT1304_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1304/LT1304-3.3/LT1304-5
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
VIN Voltage ................................................................ 8V
SW Voltage ............................................... – 0.4V to 25V
FB Voltage (LT1304) ...................................... VIN + 0.3V
Sense Voltage (LT1304-3.3/LT1304-5) ..................... 8V
ILIM Voltage .............................................................. 5V
SHDN Voltage ............................................................ 6V
LBI Voltage ............................................................... VIN
LBO Voltage ............................................................... 8V
Maximum Power Dissipation ............................. 500mW
Junction Temperature .......................................... 125
°C
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LT1304CS8
LT1304CS8-3.3
LT1304CS8-5
1304
13043
13045
S8 PART MARKING
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
LBI
LBO
VIN
SW
FB (SENSE)*
SHDN
ILIM
GND
S8 PACKAGE
8-LEAD PLASTIC SO
*FIXED OUTPUT VERSION
TJMAX = 125°C, θJA = 150°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
q
1.5
1.65
V
Operating Voltage Range
q
8V
Quiescent Current
VSHDN = 2V, Not Switching
q
120
200
µA
Quiescent Current in Shutdown
VSHDN = 0V, VIN = 2V
q
715
µA
VSHDN = 0V, VIN = 5V
q
27
50
µA
Comparator Trip Point
LT1304
q
1.22
1.24
1.26
V
FB Pin Bias Current
LT1304
q
10
25
nA
Sense Pin Leakage in Shutdown
VSHDN = 0V, Fixed Output Versions
q
0.002
1
µA
Output Sense Voltage
LT1304-3.3
q
3.17
3.3
3.43
V
LT1304-5
q
4.80
5.05
5.25
V
Line Regulation
1.8V
≤ VIN ≤ 8V
q
0.04
0.15
%/V
LBI Input Threshold
Falling Edge
q
1.10
1.17
1.25
V
LBI Bias Current
q
620
nA
LBI Input Hysteresis
q
35
65
mV
LBO Output Voltage Low
ISINK = 500µA
q
0.2
0.4
V
LBO Output Leakage Current
LBI = 1.5V, LBO = 5V
q
0.01
0.1
µA
SHDN Input Voltage High
q
1.4
V
SHDN Input Voltage Low
q
0.4
V
SHDN Pin Bias Current
VSHDN = 5V
q
58
µA
VSHDN = 0V
q
–5
–2
µA
Switch OFF Time
q
1
1.5
2
µs
Switch ON Time
Current Limit Not Asserted
q
468
µs
Maximum Duty Cycle
Current Limit Not Asserted
q
76
80
88
%
Peak Switch Current
ILIM Pin Open, VIN = 5V
0.8
1
1.2
A
20k from ILIM to GND
500
mA
VIN = 2V, VSHDN = 2V unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
Consult factory for Industrial and Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com