Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1305 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1305
Description  Micropower High Power DC/DC Converter with Low-Battery Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1305 Datasheet(HTML) 2 Page - Linear Technology

  LT1305_15 Datasheet HTML 1Page - Linear Technology LT1305_15 Datasheet HTML 2Page - Linear Technology LT1305_15 Datasheet HTML 3Page - Linear Technology LT1305_15 Datasheet HTML 4Page - Linear Technology LT1305_15 Datasheet HTML 5Page - Linear Technology LT1305_15 Datasheet HTML 6Page - Linear Technology LT1305_15 Datasheet HTML 7Page - Linear Technology LT1305_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1305
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
VIN Voltage .............................................................. 10V
SW1 Voltage ............................................................ 25V
FB Voltage ............................................................... 10V
Shutdown Voltage ................................................... 10V
LBO Voltage ............................................................. 10V
LBI Voltage .............................................................. 10V
Maximum Power Dissipation ............................. 500mW
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
S8 PART MARKING
1305
LT1305CS8
TJMAX = 100°C, θJA = 80°C/ W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ
Quiescent Current
VSHDN = 0.5V, VFB = 2V
q
120
200
µA
VSHDN = 1.8V
q
715
µA
VIN
Input Voltage Range
1.8
1.55
V
q
2.0
V
Feedback Voltage
q
1.22
1.24
1.26
V
Comparator Hysteresis
q
6
12.5
mV
Feedback Pin Bias Current
VFB = 1V
q
720
nA
Oscillator Frequency
Current Limit Not Asserted
120
155
185
kHz
Oscillator TC
0.2
%/
°C
DC
Maximum Duty Cycle
q
75
86
95
%
tON
Switch On Time
Current Limit Not Asserted
5.6
µs
Output Line Regulation
1.8V < VIN < 6V
q
0.06
0.15
%/V
VCESAT
Switch Saturation Voltage
ISW = 1A
q
140
280
mV
Switch Leakage Current
VSW = 5V, Switch Off
q
0.1
10
µA
Peak Switch Current
VIN = 2V
1.35
2
2.35
A
q
1.20
2.50
A
VIN = 5V
1.15
2.15
A
LBI Trip Voltage
(Note 2)
q
1.21
1.24
1.27
V
LBI Input Bias Current
VLBI = 1V
q
720
nA
LBO Output Low
ILOAD = 100µA
q
0.11
0.4
V
LBO Leakage Current
VLBI = 1.3V, VLBO = 5V
q
0.1
5
µA
VSHDNH
Shutdown Pin High
q
1.8
V
VSHDNL
Shutdown Pin Low
0.5
V
ISHDN
Shutdown Pin Bias Current
VSHDN = 5V
q
8.0
20
µA
VSHDN = 2V
q
3.0
µA
VSHDN = 0V
q
0.1
1
µA
TA = 25°C, VIN = 2.0V, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
The q denotes specifications which apply over the 0
°C to 70°C operating
temperature range.
Note 1: Hysteresis specified is DC. Output ripple may be higher if output
capacitance is insufficient or capacitor ESR is excessive.
Note 2: Low-battery detector comparator is inoperative when device is in
shutdown.
1
2
3
4
8
7
6
5
TOP VIEW
PGND
SW
VIN
LBI
GND
LBO
SHDN
FB
S8 PACKAGE
8-LEAD PLASTIC SO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com