Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1311 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1311
Description  Quad 12MHz, 145ns Settling Precision Current-to-Voltage Converter for Optical Disk Drives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1311 Datasheet(HTML) 2 Page - Linear Technology

  LT1311_15 Datasheet HTML 1Page - Linear Technology LT1311_15 Datasheet HTML 2Page - Linear Technology LT1311_15 Datasheet HTML 3Page - Linear Technology LT1311_15 Datasheet HTML 4Page - Linear Technology LT1311_15 Datasheet HTML 5Page - Linear Technology LT1311_15 Datasheet HTML 6Page - Linear Technology LT1311_15 Datasheet HTML 7Page - Linear Technology LT1311_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1311
Total Supply Voltage (V + to V –) ............................. 36V
Input Current .....................................................
±15mA
Output Short-Circuit Duration (Note 1) ........ Continuous
Operating Temperature Range ............... – 40
°C to 85°C
Specified Temperature Range ...................... 0
°C to 70°C
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
TJMAX = 150°C, θJA = 160°C/ W
ORDER PART
NUMBER
LT1311CS
Consult factory for Industrial and Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current to Voltage Gain
VOUT = 2V to 8V, RL = 2k to 5V
q
19.2
20
20.8
mV/
µA
Current to Voltage Gain Drift
q
– 70
ppm/
°C
Current to Voltage Gain Mismatch
Between Amplifiers (
∆G/20k) × 100%
q
0.1
1.0
%
VOS
Input Offset Voltage
With Respect to VBIAS
q
±150
±500
µV
∆VOS/∆T Input Offset Voltage Drift
±1
µV/°C
Output Offset Voltage
With Respect to VBIAS
q
±1.5
±5mV
VS = ±15V, VBIAS = 0V
q
±3
±10
mV
Output Offset Voltage Drift
q
±10
±50
µV/°C
(A + B) – (C + D)
q
±80
µV/°C
Output Offset Voltage Mismatch
Between Amplifiers
q
±2
±4mV
Bias Input Current
Pin 4
q
±5
±20
µA
Output Noise Voltage Density
f = 1kHz
100
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
5
pA/
√Hz
en
Input Noise Voltage Density
f = 1kHz, AV = 40dB
4.5
nV/
√Hz
Input Impedance
∆VOS/∆IIN, DC, ∆VOUT = 2V to 8V (IIN = ±150µA)
q
0.2
2
Ω
∆VOS/∆IIN, f = 10MHz
400
Ω
Bias Voltage Range
q
V – + 2V
V + – 2V
V
Bias Rejection Ratio
∆VOUT/∆VBIAS, VBIAS = 2V to 8V
q
55
64
dB
Bias Input Resistance
VBIAS = 2V to 8V
q
250
500
k
Ω
Bias Input Capacitance
f = 100kHz
18
pF
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, VBIAS = 0V
q
90
103
dB
Minimum Supply Voltage
VBIAS = 2V
q
4V
Voltage Gain
∆VOUT/∆VOS, VOUT = 2V to 8V, RL = 2k to 5V
q
10
100
V/mV
VOUT
Maximum Output Voltage Swing
Output High, No Load, IIN = – 250µA
q
8.8
9.0
V
Output High, ISOURCE = 10mA, IIN = – 250µA
q
8.5
8.8
V
Output Low, No Load, IIN = 250µA
q
1.0
1.2
V
Output Low, ISINK = 10mA, IIN = 250µA
q
1.2
1.5
V
Output Impedance
IOUT = 0mA, f = 10MHz
60
Ω
IOUT
Maximum Output Current
IIN = ±200µA, VOUT = 5V
q
±30
±55
mA
IS
Supply Current
IIN = 0
q
711
mA
SR
Slew Rate
IIN = ±150µA, VOUT at 3V, 7V
80
V/
µs
VS = 10V, VBIAS = 5V, TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN A
NC
IN B
BIAS
IN C
V– (CD)
IN D
OUT A
V– (AB)
OUT B
NC
OUT C
V+
OUT D
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com