Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN576 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN576
Description  PCB LAYOUT OPTIMISATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN576 Datasheet(HTML) 3 Page - STMicroelectronics

  AN576 Datasheet HTML 1Page - STMicroelectronics AN576 Datasheet HTML 2Page - STMicroelectronics AN576 Datasheet HTML 3Page - STMicroelectronics AN576 Datasheet HTML 4Page - STMicroelectronics AN576 Datasheet HTML 5Page - STMicroelectronics AN576 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
AN576
In the case of Figure 4, the design topology is based on a 4 point circuit. When a surge occurs the Transil
clamps at Vcl and due to the design the di/dt effects remain on the left hand side of P. Therefore the volt-
age V seen by the sensitive device is roughly equal to VCL.
Figure 4. Optimized layout for ESD
N.B.: The surface mount family SOD6 and SOD15 are particularly suited to this kind of application.
Figure 5. Printer circuit board protection against ESD with case
These days most inputs are protected against ESD (though not always effectively) and so the voltage be-
tween the lines and ground never exceeds dangerous values.
However, this does not prevent the total electrical potential from increasing, possibly resulting in sparks
between one point of the board and the module case. To avoid this problem we recommend a bidirectional
Transil (BZW04P37B) between the printed circuit board ground and the metallic parts of the case.
U
DEVICE
TO BE
PROTECTED
P
I
V
CL
DISTURBANCE
SOURCE
PRINTED BOARD
MODULE CASE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com