Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN586 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN586
Description  USE OF TRANSILS AS RECTIFIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN586 Datasheet(HTML) 1 Page - STMicroelectronics

  AN586 Datasheet HTML 1Page - STMicroelectronics AN586 Datasheet HTML 2Page - STMicroelectronics AN586 Datasheet HTML 3Page - STMicroelectronics AN586 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
May 2004
AN586
APPLICATION NOTE
USE OF TRANSILS AS RECTIFIER DIODES
REV. 2A - 3585
INTRODUCTION
Transils are diodes especially designed to dissipate high peak power in avalanche operation. In direct con-
duction they have the properties of very good conventional diodes (with the possibility of handling very
high surge currents) and perform as well as rectifiers.
In general, there could be a voltage surge due either to the power supply or to the load. Power supply
overvoltages can be clamped by means of a Transil on the ac side : (see Figure 1).
Wherever possible, it is more attractive to use Transils directly as rectifiers instead of protecting separate
rectifiers with Transils since the number of components is reduced: (see Figure 2). The characteristics giv-
en in the data-sheets (IFSM, forward voltage drop characteristic) enable calculations to be made in this
mode of operation.
The following table gives the equivalence between Transils and common rectifiers.
Table 1.
Neither of these two methods protects against overvoltages originating from the load. Fortunately, a study
of bridge rectifier operation shows that it is sufficient to limit the voltage on the dc side to protect the bridge
whatever the origin of the overvoltage : see Figure 3. In all cases, a single Transil is sufficient to protect a
single phase or a 3-phase bridge rectifier.
Figure 1. The diodes are not protected from overvoltages due to the load
TRANSIL
P6KE
1N5635A to
1N5665A
1.5KE
BZW50
Case
CB-417
DO 13
CB-429
AG
Rating of Equivalent Diode (A)
1
1.2
3
6
+
-


Similar Part No. - AN586

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5860 PANASONIC-AN5860 Datasheet
87Kb / 3P
Analog Switch ICs for RGB Interface
AN5860S PANASONIC-AN5860S Datasheet
87Kb / 3P
Analog Switch ICs for RGB Interface
logo
List of Unclassifed Man...
AN5862 ETC2-AN5862 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN5862K PANASONIC-AN5862K Datasheet
146Kb / 3P
ANALOG SWITCH ICS FOR RGB INTERFACE
logo
List of Unclassifed Man...
AN5862K ETC2-AN5862K Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AN586

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PC97 PHILIPS-PC97 Datasheet
275Kb / 8P
TRIODE FOR USE AS R.F. AMPLIFIER
3.3.1962
7028 PHILIPS-7028 Datasheet
644Kb / 16P
PACKAGED MAGNETRON FOR USE AS PULSED OSCILLATOR
10.10.1957
4657 PHILIPS-4657 Datasheet
30Kb / 3P
TRIODE FOR USE AS L.F. AMPLIFIER
28.8.1948
55008 PHILIPS-55008 Datasheet
1Mb / 37P
MAGNETRON FOR USE AS PULSED OSCILLATOR
10.10.1961
7093 NXP-7093 Datasheet
2Mb / 50P
MAGNETRON FOR USE AS PULSED OSCILLATOR
2.2.1963
ECC40 NXP-ECC40 Datasheet
173Kb / 8P
DOUBLE TRIODE FOR USE AS L.F. AMPLIFIER
10.10.1953
logo
STMicroelectronics
AN975 STMICROELECTRONICS-AN975 Datasheet
78Kb / 11P
As part of a process of continuous improvement
logo
Pasternack Enterprises,...
PE3VNA1803 PASTERNACK-PE3VNA1803 Datasheet
468Kb / 5P
Designed for use as VNA Test Port extenders
PE3VNA1804 PASTERNACK-PE3VNA1804 Datasheet
475Kb / 5P
Designed for use as VNA Test Port extenders
PE3VNA2603 PASTERNACK-PE3VNA2603 Datasheet
448Kb / 5P
Designed for use as VNA Test Port extenders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com