Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS2 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # ABS2
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

ABS2 Datasheet(HTML) 2 Page - Compact Technology Corp.

  ABS2 Datasheet HTML 1Page - Compact Technology Corp. ABS2 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABS05 thru ABS10
2 of 2
ABS05 thru ABS10
PERCENT OF RATED PEAK REVERSE VOLTAGE
(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
140
0.01
0.1
0
20
40
60
80
100
120
1.0
10
100
TJ=125
°C
TJ=25
°C
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE,
1.0
0.8
0.6
0.4
0.2
0.1
20
40
60
100
120
140
160
80
MOUNTED ON BOARD
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
10
0
40
30
20
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
0.01
0.1
1.0
10
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ=25
°C
PULSE WIDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com