Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRB160 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # CSRB160
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CSRB160 Datasheet(HTML) 2 Page - Compact Technology Corp.

  CSRB160 Datasheet HTML 1Page - Compact Technology Corp. CSRB160 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSRB120 thru CSRB1200
V0.0 2012-06
http://ctc-semicon.com
P2/2
RATINGS AND CHARACTERISTIC CURVES
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARATERISTIC
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARATERISTIC
FIG. 5-TYPICAL JUNCTION CAPACITANCE
1
1.5
2
0
0.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(℃)
AMBIENT TEMPERATURE(℃)
20
25
30
TJ=25℃ 8.3ms Single
Half Sine Wave
JEDEC method
0
5
10
15
1
10
100
NUMBER OF CYCLES AT 60Hz
160
200
ERS120P~ERS140P
ERS150P~ERS160P
40
80
120
160
ERS150P ERS160P
ERS180P~ERS1100P
ERS1150P
ERS1200P
0
40
0
1
10
100
REVERSE VOLTAGE (V)
10
100
0 001
0.01
0.1
1
25℃
100℃
0.001
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
1.00
10.00
100.00
ERS120P~ERS140P
ERS160P
ERS180P~ERS1100P
ERS1150P
ERS1200P
0.01
0.10
0.2
0.4
0.6
0.8
1.0
TJ=25℃ PULSE
WIDTH 300us 2%
DUTY CYCLE
FORWARD VOLTAGE (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com