Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT4A05 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # CT4A05
Description  PLASTIC SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CT4A05 Datasheet(HTML) 2 Page - Compact Technology Corp.

  CT4A05 Datasheet HTML 1Page - Compact Technology Corp. CT4A05 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGSAND CHARACTERISTIC CURVES
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
O
AMBIENT TEMPERATURE. ( C)
FORWARD VOLTAGE. (V)
0
20
40
60
80
100
120
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
O
Tj=25 C
O
Tj=100 C
1
5
10
50
100
O
Tj=25 C
FIG.2- TYPICAL FORWARD CHARACTERISTICS
O
Tj=25 C
Pulse Width=300
us
1% Duty Cycie
4
3.5
3
2.5
0
20
40
60
80
100 120
140
160
180
Single Phase Half Wave60Hz
Resistive of inductive Load
Ground plane
1" x 1" Copper
surface area
PC BOARD
Recommanded
PC Board
Mounting
1000
100
30
10
3.0
1.0
.1
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
1.0
.1
.01
O
Tj=25 C
300
250
200
150
100
50
0
1000
500
200
100
50
10
1
10
50
100
Standard PC Board
Mounting
PC BOARD
CT4A01 thru CT4A07
2
1
CTC0147 Ver. 2.0
2 of 2
CT4A01 thru CT4A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com