Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # HER201
Description  HIGH EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

HER201 Datasheet(HTML) 2 Page - Compact Technology Corp.

  HER201_15 Datasheet HTML 1Page - Compact Technology Corp. HER201_15 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER201 thru HER208
RATINGS AND CHARACTERISTIC CURVES
FIG . 1 -REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM
trr
1cm
50
10
NONINDUCTIVE
NONINDUCTIVE
DUT
PULSE
GENERATOR
(NOTE 2 )
OSCILLOSCOPE
(NOTE 2 )
NONINDUCTIVE
(+ )
50Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-02.5A
0
-1.0A
SET TIME BASE FOR
5/ 10ns / cm
2.0
1.0
25
50
75 100 125 150 175
FIG . 2 -MAXIMUM AVERAGE
FORWARD CURRENT DERATING
O
AMBIENT TEMPERATURE . ( C)
FIG . 3 -TYPICAL REVERSE CHARACTERISTICS
FIG . 4 -TYPICAL REVERSE CHARACTERISTICS
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375"(9.5mm )
LEAD LENGTH
PERCENT OF RATED PEAK REVERSE VOLTAGE . (% )
0
20
40
60
80
100
120
1000
100
1
10
O
T =100
J
C
O
T =25
J
C
FORWARD VOLTAGE . ( V )
FIG . 5- MAXIMUM NON - REPETITIVE FORWARD
SURGE CURRENT
FIG . 6 -TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
0.01
.001
.2
.4
.6
.8
1.0
1.2
1.4
HER
201
-HE
R20
5
8.3ms Single Half Sine
Wave JEDEC Method
NUMBER OF CYCLES AT 60Hz
.1
.5
1
2
5
10 20
50
100 200
500 1000
REVERSE VOLTAGE . ( V )
175
150
125
100
75
50
25
0
80
60
50
30
20
10
0
1
2
5
10
20
50
100
0
HER
206-
HER
208
3.0
0
40
CTC00
53 Ver. 2.0
2 of 2
HER201 thru HER208



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com