Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # M1
Description  SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

M1 Datasheet(HTML) 2 Page - Compact Technology Corp.

  M1 Datasheet HTML 1Page - Compact Technology Corp. M1 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M1 thru M7
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
O
AMBIENT TEMPERATURE. ( C)
FORWARD VOLTAGE. (V)
0
20
40
60 80
100
120
140
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
O
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
Tj=125 C
RATINGS AND CHARACTERISTIC CURVES
O
Tj=25 C
8.3ms Single
Half Sine Wave
Tj=Tj max
0.4 0.6
0.8 1.0 1.2
1.4 1.6 1.8
2
100
10
1.0
FIG.3- TYPICAL FORWARD CHARACTERISTICS
1.2
1.0
0.8
0.6
0.4
0.2
0
0
20
60
100
140
160
100
50
10
5
2
1.0
0.1
0.05
0.02
0.01
100
50
20
10
5
2
11
2
5
10
20
50
1 00
.01
.001
.10
100
50
20
10
5
2
1
0.01
0.1
1.0
10
100
O
Tj=75 C
22
.20IN (5.0mm ) X 0.5mil
inches(0.013mm)
Thick Copper PadAreas
CTC0153
Ver. 1.0
2 of 2
M1 thru M7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com