Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150CT Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # MBR20150CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MBR20150CT Datasheet(HTML) 2 Page - Compact Technology Corp.

  MBR20150CT Datasheet HTML 1Page - Compact Technology Corp. MBR20150CT Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
MBR2020CT thru MBR20200CT
MBR2020CT thru MBR20200CT
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
20
30
40
50
1.00
10.00
100.00
TJ=25
PULSE
WIDTH 300us 2%
DUTY CYCLE
0
10
20
0
20
40
60
80
100
120
140
160
180
200
AMBIENT TEMPERATURE(
)
0.01
0.10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
MBR2020C
T~MBR2040CT
MBR2050C
T~MBR2060CT
MBR2080C
T~MBR20100CT
FORWARD VOLTAGE (V)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
150
200
1
10
100
25
125
TJ=25
8.3ms Single
Half Sine Wave
JEDEC method
0
50
100
1
10
100
0.0001
0.001
0.01
0.1
20
40
60
80
100
125
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1500
2000
MBR2020CT~MBR2040CT
MBR2050CT~MBR2060CT
MBR20800CT~MBR20100CT
MBR20150CT
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
Maxi
500
1000
MBR20200CT
0
0
1
10
100
REVERSE VOLTAGE (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com