Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2266 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2266
Description  SLIC based system protection for European and Asian markets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2266 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2266 Datasheet HTML 8Page - STMicroelectronics AN2266 Datasheet HTML 9Page - STMicroelectronics AN2266 Datasheet HTML 10Page - STMicroelectronics AN2266 Datasheet HTML 11Page - STMicroelectronics AN2266 Datasheet HTML 12Page - STMicroelectronics AN2266 Datasheet HTML 13Page - STMicroelectronics AN2266 Datasheet HTML 14Page - STMicroelectronics AN2266 Datasheet HTML 15Page - STMicroelectronics AN2266 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID11830 Rev 2
13/16
AN2266
Long line protection
16
The LCP02-150B1 and the PTC still continue to operate properly after the test in
accordance with the K20 A criterion.
Figure 19. LCP02-150B1 behavior during 230 Vrms, 10 Ω, 15 min. metallic (on TIP)
power contact
Figure 19 shows the voltage across the TIP pin of LCP02-150B1, the gate voltages and
current through the LCP02-150B1 when subjected to 230 Vrms, through 10 Ω, for 15 min. -
ITU-T K20 power contact test. For power contact tests, the PTC heats up and the
LCP02-150B1 behaves like the LCP1521S in the negative domain. That is, from the
moment that the negative gate current becomes lower than the negative gate triggering
current of the LCP02-150B1, this device does not fire anymore, but only clamps. It still fires
in the positive domain because its positive gate is highly sensitive. The voltage trip at the
TIP pin is between both battery voltages ±65 V.
The LCP02-150B1 and the PTC still continue to operate properly after the test in
accordance with K20 A criterion, while this test with 10
Ω requires only the K20 B criterion.
I surge: 5A /div
V Tip: 20V/div
+Vb: 20V/div
0
-Vbat: 20V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com